Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8148ACPZ-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8148ACPZ-R2
Description  Triple Differential Driver for Wideband Video
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8148ACPZ-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8148ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8148ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8148ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8148ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8148ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8148ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8148ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8148ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8148ACPZ-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8146/AD8147/AD8148
Rev. 0 | Page 18 of 24
Sync pulse amplitudes applied to the AD8147 and AD8148
must be less than or equal to the positive supply voltage. In low
positive supply applications, such as those that use ±2.5 V supplies,
external limiting may be required because many logic families
produce amplitudes up to 5 V. Figure 32 illustrates how to use a
monolithic triple diode to limit a sync pulse with 5 V amplitude
to an amplitude of approximately 2 V.
Driver bandwidth is affected to a small degree when driving the
100 Ω load presented by the two cables, as compared with
driving a typical 200 Ω load. Figure 34 illustrates the AD8146/
AD8147/AD8148 bandwidths when driving a 100 Ω load.
15
–3
FREQUENCY (MHz)
12
9
6
3
0
1000
100
10
1
AD8148
AD8147
AD8146
RL, dm = 100Ω
VOUT = 2V p-p
301Ω
1
6
2
5
3
4
HN2D02FUTW1T1
0V
+5V
INCOMING
SYNC PULSE
0V
+2V
LIMITED
SYNC PULSE
Figure 32. Limiting Sync Pulse Amplitude in Low Positive Supply Applications
DRIVING TWO UTP CABLES WITH ONE DRIVER
Some applications require driving two UTP cables with a single
driver. Each individual driver of the AD8146/AD8147/AD8148
is capable of driving two doubly terminated cables, which places
a differential load of 100 Ω across the outputs of the driver.
Figure 33 illustrates how to drive two cables.
Figure 34. Large Signal Frequency Response Driving 100 Ω Loads
USING THE AD8146 AS A RECEIVER
While the AD8146 excels as a differential driver, it can also be
used as a differential-to-differential receiver applied as an
input buffer that protects a more sophisticated device, such as a
differential crosspoint switch. See Figure 35 for an illustration of
this type of application.
AD8146/AD8147/AD8148
49.9Ω
49.9Ω
100Ω
100Ω
100Ω
UTP
49.9Ω
49.9Ω
100Ω
UTP
VOCM
Because the AD8146 VOCM input pins are uncommitted, any
incoming common-mode signal, such as encoded sync pulses,
can be reproduced at the AD8146 outputs by stripping it from
the received signal and applying it directly to the VOCM pin.
The two series 54.9 Ω resistors form a differential termination
resistor of 109.8 Ω, which when loaded with the 1 kΩ differential
input resistance of the AD8146, provides an overall termination
of approximately 100 Ω. The received common-mode voltages
are available at the center taps between the two resistors.
Figure 33. Driving Two UTP Cables With One Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com