Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8148ACPZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8148ACPZ-R2
Description  Triple Differential Driver for Wideband Video
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8148ACPZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8148ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8148ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8148ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8148ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8148ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8148ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8148ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8148ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8148ACPZ-R2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD8146/AD8147/AD8148
Rev. 0 | Page 17 of 24
–OUT R
+OUT R
–OUT G
+OUT G
–OUT B
+OUT B
VOCM WEIGHTING EQUATIONS:
RED VOCM = K(VSYNC – HSYNC) + VMIDSUPPLY
GREEN VOCM = K(–2VSYNC) + VMIDSUPPLY
BLUE VOCM = K(VSYNC + HSYNC) + VMIDSUPPLY
+IN R
–IN R
VSYNC
HSYNC
SYNC LEVEL
+IN G
–IN G
+IN B
–IN B
R
1kΩ
1kΩ
AD8147/AD8148
500Ω
500Ω
G
1kΩ
1kΩ
500Ω
500Ω
VOCM
VOCM
VOCM B
1kΩ
1kΩ
500Ω
500Ω
OPD
×2
2
2
2
Figure 30. AD8147/AD8148 Sync-On Common-Mode Encoding Scheme
0
0.5
1.0
1.5
2.0
4.0
3.5
4.5
2.5
3.0
5.0
0.98
0.99
1.00
1.01
1.03
1.04
1.05
1.02
1.06
1.07
TIME (µs)
HSYNC
VSYNC
2.0
2.1
2.2
2.3
2.4
2.9
2.8
3.0
2.5
2.6
2.7
3.1
R
G
B
Figure 31. AD8147 Sync-On Common-Mode Signals in Single 5 V Application
The transmitted common-mode sync signal magnitudes are
scaled by applying a dc voltage to the SYNC LEVEL input,
referenced to GND. The difference between the voltage applied
to the SYNC LEVEL input and GND sets the peak deviation of
the encoded sync signals about the midsupply, common-mode
voltage. For example, with the SYNC LEVEL input set at 500 mV,
the deviation of the encoded sync pulses about the nominal
midsupply, common-mode voltage is typically ±500 mV. The
equations in Figure 30 describe how the VSYNC and HSYNC signals
are encoded on each color’s midsupply common-mode signal.
In these equations, the weights of the VSYNC and HSYNC signals
are ±1 (+1 for high and −1 for low), and the constant K is equal
to the peak deviation of the encoded sync signals.
Figure 31 shows how the sync signals appear on each common-
mode voltage in a single 5 V supply application when the voltage
applied to the SYNC LEVEL input is 500 mV, which is the
typical setting for most applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com