Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8148ACPZ-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8148ACPZ-R2
Description  Triple Differential Driver for Wideband Video
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8148ACPZ-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8148ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8148ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8148ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8148ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8148ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8148ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8148ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8148ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8148ACPZ-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD8146/AD8147/AD8148
Rev. 0 | Page 19 of 24
AD8146
CROSSPOINT SWITCH
54.9Ω
54.9Ω
1kΩ
1kΩ
500Ω
500Ω
INPUT I, NEGATIVE PHASE
INPUT I, POSITIVE PHASE
INPUT J, NEGATIVE PHASE
INPUT J, POSITIVE PHASE
INPUT K, NEGATIVE PHASE
INPUT K, POSITIVE PHASE
10Ω
10Ω
VOCM
RED
CHANNEL
100Ω
UTP
54.9Ω
54.9Ω
1kΩ
1kΩ
500Ω
500Ω
10Ω
10Ω
VOCM
GREEN
CHANNEL
100Ω
UTP
54.9Ω
54.9Ω
1kΩ
1kΩ
500Ω
500Ω
10Ω
10Ω
VOCM
BLUE
CHANNEL
100Ω
UTP
VS+ = +2.5V
VPOS = +2.5V
VNEG = –2.5V
VS– = –2.5V
Figure 35. Using the AD8146 as a Differential Receiver
Terminations are not required between the AD8146 and the
switch if the interconnection lengths are kept short (less than
two inches). The 10 Ω series resistors buffer the input
capacitance of the switch (typically 2 pF) and produce a low-
pass rolloff that is down by only 0.025 dB at 600 MHz.
OUTPUT PULL-DOWN (OPD)
The output pull-down feature, when used in conjunction with
series Schottky diodes, offers a convenient means to multiplex a
number of driver outputs together to form a video network. The
OPD pin is a binary input that controls the state of the outputs.
Its binary input level is referenced to GND (see the Specifications
section for the logic levels). When the OPD input is driven to its
low state, the output is enabled and operates in normal fashion.
In this state, the VOCM input can be used to provide a positive
bias on the series diodes, allowing the drivers to transmit
signals over the network. When the OPD input is driven to its
high state, the outputs of the drivers are forced to a low voltage,
irrespective of the level on the VOCM input, reverse-biasing the
series diodes and thus presenting high impedance to the
network. This feature allows a three-state output to be realized
that maintains its high impedance state even when the drivers
are not powered.
It is recommended that the output pull-down feature only be
used in conjunction with series diodes in such a way as to
ensure that the diodes are reverse-biased when the output pull-
down feature is asserted, because some loading conditions can
prevent the output voltage from being pulled all the way down.
LAYOUT AND POWER SUPPLY DECOUPLING
CONSIDERATIONS
Standard high speed PCB layout practices should be adhered
to when designing with the drivers. A solid ground plane is
required and good wideband power supply decoupling
networks should be placed as close as possible to the supply
pins. Small surface-mount ceramic capacitors are recommended
for these networks, and tantalum capacitors are recommended
for bulk supply decoupling.
Source termination resistors on the differential outputs must be
placed as close as possible to the output pins to minimize load
capacitance due to the PCB traces.
DRIVING A CAPACITIVE LOAD
A purely capacitive load can react with the output impedance
of any amplifier to produce an undesirable phase shift, which
reduces phase margin and results in high frequency ringing in
the pulse response. The best way to minimize this effect is to
place a small resistor in series with each of the outputs of the
amplifier to buffer the load capacitance. Most applications
include 49.9 Ω source termination resistors, which effectively
buffer any stray load capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com