Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5080MM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5080MM
Description  Modular Current Sharing Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5080MM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM5080MM Datasheet HTML 1Page - National Semiconductor (TI) LM5080MM Datasheet HTML 2Page - National Semiconductor (TI) LM5080MM Datasheet HTML 3Page - National Semiconductor (TI) LM5080MM Datasheet HTML 4Page - National Semiconductor (TI) LM5080MM Datasheet HTML 5Page - National Semiconductor (TI) LM5080MM Datasheet HTML 6Page - National Semiconductor (TI) LM5080MM Datasheet HTML 7Page - National Semiconductor (TI) LM5080MM Datasheet HTML 8Page - National Semiconductor (TI) LM5080MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LM5080
Modular Current Sharing Controller
General Description
The LM5080 is a simple and cost effective load share con-
troller that provides all functions required to balance the
currents delivered from multiple power converters operated
in parallel. The LM5080 implements an average program
(AP) method of active load share control which adjusts the
output voltage of individual power stages either up or down
to deliver nearly equal currents to a common load. The
average program method improves stability and reduces the
output voltage tolerance when compared to other common
load sharing methods. The LM5080 supports two common
applications for load share controllers: external control in
which the load share circuit balances currents between
separate power modules (bricks), and internal control where
the load share circuit is integrated into the voltage regulation
loop of each power converter module or circuit.
Features
n
Average program current share method
n
Single-wire star link current share bus
n
No precision external resistors necessary
n
3V to 15V bias voltage range
n
Adaptable for high or low side current sensing
n
Flexible architecture allows 4 modes of operation:
Negative remote sense adjustment
Positive remote sense adjustment
Trim or reference adjustment
Feedback divider adjustment
Packages
n
MSOP-8
n
RoHS compliant Pb free available
LM5080 Typical Application
20157801
Remote Sense Adjust Mode
January 2006
© 2006 National Semiconductor Corporation
DS201578
www.national.com


Similar Part No. - LM5080MM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5080MM/NOPB TI1-LM5080MM/NOPB Datasheet
924Kb / 22P
Modular Current Sharing Controller
More results

Similar Description - LM5080MM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
logo
ON Semiconductor
NCP5424 ONSEMI-NCP5424 Datasheet
131Kb / 20P
Dual Synchronous Buck Controller with Input Current Sharing
June, 2003 - Rev. 3
NCP5424 ONSEMI-NCP5424_05 Datasheet
137Kb / 18P
Dual Synchronous Buck Controller with Input Current Sharing
March, 2005 ??Rev. 4
logo
Fairchild Semiconductor
FD2004 FAIRCHILD-FD2004 Datasheet
745Kb / 2P
Adaptive Digital DC-DC Controller with Current Sharing
logo
Intersil Corporation
ZL2004 INTERSIL-ZL2004 Datasheet
614Kb / 42P
Adaptive Digital DC-DC Controller with Current Sharing
February 18, 2009
ZL2004-01 INTERSIL-ZL2004-01 Datasheet
157Kb / 6P
Adaptive Digital DC-DC Controller with Current Sharing
February 18, 2009
ZL2004ALNN-01 INTERSIL-ZL2004ALNN-01 Datasheet
229Kb / 7P
Adaptive Digital DC/DC Controller with Current Sharing
May 23, 2011
logo
Texas Instruments
LM5080 TI1-LM5080 Datasheet
924Kb / 22P
Modular Current Sharing Controller
logo
Renesas Technology Corp
ZL2004 RENESAS-ZL2004 Datasheet
1Mb / 42P
Adaptive Digital DC-DC Controller with Current Sharing
ZL2004-01 RENESAS-ZL2004-01 Datasheet
409Kb / 8P
Adaptive Digital DC/DC Controller with Current Sharing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com