Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5080MM Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5080MM
Description  Modular Current Sharing Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5080MM Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM5080MM Datasheet HTML 5Page - National Semiconductor (TI) LM5080MM Datasheet HTML 6Page - National Semiconductor (TI) LM5080MM Datasheet HTML 7Page - National Semiconductor (TI) LM5080MM Datasheet HTML 8Page - National Semiconductor (TI) LM5080MM Datasheet HTML 9Page - National Semiconductor (TI) LM5080MM Datasheet HTML 10Page - National Semiconductor (TI) LM5080MM Datasheet HTML 11Page - National Semiconductor (TI) LM5080MM Datasheet HTML 12Page - National Semiconductor (TI) LM5080MM Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Remote Sense Adjust Modes (Continued)
Feedback Adjustment Mode
The feedback adjust mode configuration is shown in Figure
5. It is very similar to the reference adjust mode except the
current sensing is done on the high side of the load and the
correction is applied to the feedback resistor divider in the
voltage regulation loop.
Similar to the reference adjust mode, the transfer functions
between the sense resistor voltages (VRS) and the currents
injected into the power converter TRIM pin (IT) are:
IT1 = 0.9 x gm x (VRS1 - VRS2)
IT2 = 0.9 x gm x (VRS2 - VRS1)
where gm = current share amplifier transconductance
(8.7mA/V).
As previously described, provided the current sharing is
equal (VRS1=VRS2), the correction current to the reference
(IT) will be zero. However, any difference between VRS1
and VRS2 will drive the TRIM pin currents in opposite po-
larities. As a result the power converter output voltages will
be adjusted to force VRS1=VRS2.
In this mode, VCC must be biased at least 2V higher than the
output regulation voltage to maintain CSP and CSM in the
proper common mode range. It is essential the VCC pins of
all LM5080’s be tied to the same point in this mode. Any
mismatch in the VCC voltages between LM5080’s will con-
tribute to current share errors. For the same reasons as
discussed in the above two operating modes, the current
sense resistors should be located as close to the load as
possible. In this mode, the best accuracy will be achieved
with lower VCC values since any mismatch in the gain
resistors internal to the LM5080 will affect the current share
accuracy.
20157808
FIGURE 4. Remote Sense Positive Mode Implementation
20157809
FIGURE 5. Feedback Adjust Mode Implementation
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com