Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5080MM Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5080MM
Description  Modular Current Sharing Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5080MM Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM5080MM Datasheet HTML 5Page - National Semiconductor (TI) LM5080MM Datasheet HTML 6Page - National Semiconductor (TI) LM5080MM Datasheet HTML 7Page - National Semiconductor (TI) LM5080MM Datasheet HTML 8Page - National Semiconductor (TI) LM5080MM Datasheet HTML 9Page - National Semiconductor (TI) LM5080MM Datasheet HTML 10Page - National Semiconductor (TI) LM5080MM Datasheet HTML 11Page - National Semiconductor (TI) LM5080MM Datasheet HTML 12Page - National Semiconductor (TI) LM5080MM Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
General Design Procedure
1.
Select an appropriate sense resistor value. More sense
voltage will result in better load sharing but more effi-
ciency loss. Sense voltages of 50mV or more are rec-
ommended. In addition, the sense voltage at full load
should be less than 5% of VCC in applications that
control the remote sense terminals of the power supply.
2.
For the reference adjust and feedback adjust modes,
determine if transconductance (gm) boosting is required.
Boosting the transconductance also boosts the TRO pin
current limit. The TRO pin current limit (approximately
10µA typical) multiplied by the reference impedance de-
termines the maximum correction the LM5080 can make
to the reference. The LM5080 must have enough TRO
current to adjust the converter output voltage by at least
the accuracy of the reference. For example, if the refer-
ence accuracy is ±2%, the LM5080 must have the ability
to adjust the reference by at least 2% (in the event one
converter is 2% high and the other 2% low).
3.
Compensate the current share loop by selecting an
appropriate capacitance for CTRO. The compensation
of the current share loop is dependent on the frequency
response of the output voltage to the controlling node of
the converter (TRIM pin, feedback divider or remote
sense pins). Given the wide variety of converter designs
and the many operating modes of the LM5080, selection
of CTRO is best accomplished using a simple iterative
procedure. Start with a large capacitance in TRO (100µF
or more). While monitoring the load current in each
converter with a current probe, determine the minimum
CTRO required for stability by decreasing CTRO until
the current sharing becomes unstable under step loads.
The step loads should be more than 50% of the load
range and applied at a frequency well below the cross
over frequency of the converter. The TRO capacitance
can be further reduced by introducing some resistance
(RTRO) in series with CTRO to cancel the 2nd order
poles within the converter.
4.
If RTRO > 100
Ω in either remote sense mode, a
second CTRO capacitor (~ 2nF) should be added be-
tween TRO and CSP to keep the error amplifier stable.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com