Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5080MM Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5080MM
Description  Modular Current Sharing Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5080MM Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM5080MM Datasheet HTML 5Page - National Semiconductor (TI) LM5080MM Datasheet HTML 6Page - National Semiconductor (TI) LM5080MM Datasheet HTML 7Page - National Semiconductor (TI) LM5080MM Datasheet HTML 8Page - National Semiconductor (TI) LM5080MM Datasheet HTML 9Page - National Semiconductor (TI) LM5080MM Datasheet HTML 10Page - National Semiconductor (TI) LM5080MM Datasheet HTML 11Page - National Semiconductor (TI) LM5080MM Datasheet HTML 12Page - National Semiconductor (TI) LM5080MM Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Voltage Margining
Shifting the output regulation voltage up or down by a small
amount is referred to as voltage margining. In the remote
sense adjust modes and the feedback adjust modes, this
can be done by connecting all of the power converter TRIM
pins together and injecting a positive or negative current.
However, in the reference adjust mode, the TRIM pin is used
for current sharing. An alternative margining method is to
inject a current into the SHR share bus. This will simulta-
neously shift the regulation voltages of all power converter’s
while maintaining equal current sharing. The injected current
is split equally between the LM5080’s SHR inputs and added
to the TRIM pin currents creating an equal offset voltage for
all of the power converter references. The trim pin current
injected into each power converter’s reference (IT) is depen-
dent on the magnitude of the total injected current into the
SHR bus (ISHR), the number of LM5080’s on the SHR bus
(N) and any transconductance boost supplied (R1 & R2):
An alternate method to shift the regulation voltage is to tie all
the CSP pins together and inject a current into that node.
The trim pin current injected into each power converter’s
reference (IT) attributed to the current injected into the CSP
node (ICSP) is derived to be:
Figure 6 shows a margining up and down application imple-
mented using pull up resistors to VCC. Since the SHR and
CSP voltages are approximately 0.1 x VCC and 0.2 x VCC
respectively, the injected current can be independently con-
trolled with RM1 and RM2.
20157812
FIGURE 6. One Method of Implementing Voltage Margining
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com