Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8667ARMZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8667ARMZ-R2
Description  16 V, 250 關A, Dual Precision, CMOS, Rail-to-Rail Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8667ARMZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD8667ARMZ-R2 Datasheet HTML 1Page - Analog Devices AD8667ARMZ-R2 Datasheet HTML 2Page - Analog Devices AD8667ARMZ-R2 Datasheet HTML 3Page - Analog Devices AD8667ARMZ-R2 Datasheet HTML 4Page - Analog Devices AD8667ARMZ-R2 Datasheet HTML 5Page - Analog Devices AD8667ARMZ-R2 Datasheet HTML 6Page - Analog Devices AD8667ARMZ-R2 Datasheet HTML 7Page - Analog Devices AD8667ARMZ-R2 Datasheet HTML 8Page - Analog Devices AD8667ARMZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD8667
Rev. 0 | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
18 V
Input Voltage
−0.1 V to VS
Differential Input Voltage
18 V
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
−60°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead MSOP
145
45
°C/W
8-Lead SOIC
125
43
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com