Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8667ARMZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8667ARMZ-R2
Description  16 V, 250 關A, Dual Precision, CMOS, Rail-to-Rail Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8667ARMZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8667ARMZ-R2 Datasheet HTML 3Page - Analog Devices AD8667ARMZ-R2 Datasheet HTML 4Page - Analog Devices AD8667ARMZ-R2 Datasheet HTML 5Page - Analog Devices AD8667ARMZ-R2 Datasheet HTML 6Page - Analog Devices AD8667ARMZ-R2 Datasheet HTML 7Page - Analog Devices AD8667ARMZ-R2 Datasheet HTML 8Page - Analog Devices AD8667ARMZ-R2 Datasheet HTML 9Page - Analog Devices AD8667ARMZ-R2 Datasheet HTML 10Page - Analog Devices AD8667ARMZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8667
Rev. 0 | Page 7 of 16
1200
1100
1000
900
800
700
600
500
400
300
200
100
0
–40 –25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
VDD – VOH @ 10mA VS = 16V
VDD – VOH @ 1mA VS = 16V
VDD – VOH @ 1mA VS = 5V
VOL @ 1mA VS = 5V
VOL @ 10mA VS = 16V
VOL @ 1mA VS = 16V
Figure 8. Output Saturation Voltage vs. Temperature
150
100
50
0
–50
–100
–150
02
46
8
10
12
14
16
VCM (V)
VS = 16V
TA = 125°C
Figure 9. Input Bias Current vs. Common Mode Voltage at 125°C
90
70
50
30
10
–10
–30
–50
–70
–90
135
90
45
0
–45
–90
–135
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VSY = 16V
PHASE
GAIN
Figure 10. Open-Loop Gain and Phase Shift vs. Frequency
1200
1000
800
600
400
200
0
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VSY = ±8V
AV = 100
AV = 10
AV = 1
Figure 11. Closed-Loop Output Impedance vs. Frequency
120
100
80
60
40
20
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VS = ±8V
Figure 12. CMRR vs. Frequency
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VS = ±8V
100
90
80
70
60
50
40
30
20
10
0
PSRR+/PSRR– CHA
PSRR+
PSRR–
Figure 13. PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com