Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8667ARMZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8667ARMZ-R2
Description  16 V, 250 關A, Dual Precision, CMOS, Rail-to-Rail Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8667ARMZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8667ARMZ-R2 Datasheet HTML 2Page - Analog Devices AD8667ARMZ-R2 Datasheet HTML 3Page - Analog Devices AD8667ARMZ-R2 Datasheet HTML 4Page - Analog Devices AD8667ARMZ-R2 Datasheet HTML 5Page - Analog Devices AD8667ARMZ-R2 Datasheet HTML 6Page - Analog Devices AD8667ARMZ-R2 Datasheet HTML 7Page - Analog Devices AD8667ARMZ-R2 Datasheet HTML 8Page - Analog Devices AD8667ARMZ-R2 Datasheet HTML 9Page - Analog Devices AD8667ARMZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8667
Rev. 0 | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
Specifications at VSY = ±8 V, unless otherwise noted.
1600
1400
1200
1000
800
600
400
200
0
0
50
100
150
200
250
–50
–100
–150
–200
–250
VOS (µV)
VS = ±8V
0V < VCM < 14.5V
TA = 25°C
Figure 2. Input Offset Voltage Distribution
40
35
30
25
20
15
10
5
0
0
0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 4.4 4.8
TCVOS (µV/°C)
VS = ±8V
–40°C < TA < +125°C
Figure 3. Input Offset Voltage Drift Distribution
300
250
200
150
100
50
0
–50
–100
–150
–200
–250
–300
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
VCM (V)
VS = 16V
0V < VCM < 14.5V
TA = 25°C
Figure 4. Input Offset Voltage vs. Common-Mode Voltage
100
10
1
0.1
0
25
50
75
100
125
TEMPERATURE (°C)
±8V
±2.5V
Figure 5. Input Bias Current vs. Temperature
10000
1000
100
10
1
0.1
0.001
0.01
0.1
1
10
LOAD CURRENT (mA)
SOURCE
SINK
VS = 5V
TA = 25°C
Figure 6. Output Swing Saturation Voltage vs. Load Current
10000
1000
100
10
1
0.1
0.001
0.01
0.1
1
10
100
LOAD CURRENT (mA)
SOURCE
SINK
VS = 16V
TA = 25°C
Figure 7. Output Swing Saturation Voltage vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com