Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8667ARMZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8667ARMZ-R2
Description  16 V, 250 關A, Dual Precision, CMOS, Rail-to-Rail Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8667ARMZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8667ARMZ-R2 Datasheet HTML 6Page - Analog Devices AD8667ARMZ-R2 Datasheet HTML 7Page - Analog Devices AD8667ARMZ-R2 Datasheet HTML 8Page - Analog Devices AD8667ARMZ-R2 Datasheet HTML 9Page - Analog Devices AD8667ARMZ-R2 Datasheet HTML 10Page - Analog Devices AD8667ARMZ-R2 Datasheet HTML 11Page - Analog Devices AD8667ARMZ-R2 Datasheet HTML 12Page - Analog Devices AD8667ARMZ-R2 Datasheet HTML 13Page - Analog Devices AD8667ARMZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8667
Rev. 0 | Page 10 of 16
Specifications at VSY =±2.5 V, unless otherwise noted.
1600
1400
1200
1000
800
600
400
200
0
0
50
100
150
200
250
–50
–100
–150
–200
–250
VOS (µV)
VSY = ±2.5V
VS =+5V
–0.1V < VCM < +3.5V
TA =25°C
Figure 25. Input Offset Voltage Distribution
40
35
30
25
20
15
10
5
0
01
2
3
4
5
TCVOS (µV)
VSY = ±2.5V
–40°C < TA < 125°C
Figure 26. Input Offset Voltage Drift Distribution
150
100
50
0
–50
–100
–150
–200
VCM (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VSY = ±2.5V
0V < VCM <+3.5V
TA = 25°C
Figure 27. Input Offset Voltage vs. Common-Mode Voltage
120
100
80
60
40
20
0
–20
–40
–60
–80
–100
–120
135
90
45
0
–45
–90
–135
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VSY = ±2.5V
Figure 28. Open-Loop Gain and Phase Shift vs. Frequency
60
40
20
0
–20
–40
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VSY = ±2.5V
AV = 100
AV = 10
AV = 1
Figure 29. Closed-Loop Gain vs. Frequency
10k
1k
100
10
1
100
1k
10k
100k
1M
FREQUENCY (Hz)
AV = 100
AV = 10
AV = 1
VSY = ±2.5V
Figure 30. Closed-Loop Output Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com