Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9746BCPZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9746BCPZ
Description  Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9746BCPZ Datasheet(HTML) 4 Page - Analog Devices

  AD9746BCPZ Datasheet HTML 1Page - Analog Devices AD9746BCPZ Datasheet HTML 2Page - Analog Devices AD9746BCPZ Datasheet HTML 3Page - Analog Devices AD9746BCPZ Datasheet HTML 4Page - Analog Devices AD9746BCPZ Datasheet HTML 5Page - Analog Devices AD9746BCPZ Datasheet HTML 6Page - Analog Devices AD9746BCPZ Datasheet HTML 7Page - Analog Devices AD9746BCPZ Datasheet HTML 8Page - Analog Devices AD9746BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD9741/AD9743/AD9745/AD9746/AD9747
Rev. 0 | Page 4 of 28
TMIN to TMAX, AVDD33 = 3.3 V, DVDD33 = 3.3 V, DVDD18 = 1.8 V, CVDD18 = 1.8 V, IFS = 20 mA, full-scale digital input, maximum
sample rate, unless otherwise noted. The AD9745 is repeated in Table 2 so the user can compare it with all other parts.
Table 2. AD9745, AD9746, and AD9747
AD9745
AD9746
AD9747
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
12
14
16
Bits
ACCURACY
Differential Nonlinearity (DNL)
±0.13
±0.5
±2.0
LSB
Integral Nonlinearity (INL)
±0.25
±1.0
±4.0
LSB
MAIN DAC OUTPUTS
Offset Error
±0.001
±0.001
±0.001
%FSR
Offset Error Temperature Coefficient
0.1
0.1
0.1
ppm/°C
Gain Error
±2.0
±2.0
±2.0
%FSR
Gain Error Temperature Coefficient
100
100
100
ppm/°C
Gain Matching (DAC1 to DAC2)
±1.0
±1.0
±1.0
%FSR
Full-Scale Output Current
8.6
31.7
8.6
31.7
8.6
31.7
mA
Output Compliance Voltage
−1.0
+1.0
−1.0
+1.0
−1.0
+1.0
V
Output Resistance
10
10
10
MΩ
AUXILIARY DAC OUTPUTS
Resolution
10
10
10
Bits
Full-Scale Output Current
−2.0
+2.0
−2.0
+2.0
−2.0
+2.0
mA
Output Compliance Voltage Range—Sink Current
0.8
1.6
0.8
1.6
0.8
1.6
V
Output Compliance Voltage Range—Source Current
0
1.6
0
1.6
0
1.6
V
Output Resistance
1
1
1
MΩ
Monotonicity
10
10
10
Bits
REFERENCE INPUT/OUTPUT
Output Voltage
1.2
1.2
1.2
V
Output Voltage Temperature Coefficient
10
10
10
ppm/°C
External Input Voltage Range
1.15
1.3
1.15
1.3
1.15
1.3
V
Input or Output Resistance
5
5
5
kΩ
POWER SUPPLY VOLTAGES
AVDD33, DVDD33
3.13
3.47
3.13
3.47
3.13
3.47
V
CVDD18, DVDD18
1.70
1.90
1.70
1.90
1.70
1.90
V
POWER SUPPLY CURRENTS
IAVDD33
56
60
56
60
56
60
mA
IDVDD33
11
15
12
16
12
16
mA
ICVDD18
18
22
18
22
18
22
mA
IDVDD18
30
34
31
35
32
36
mA
POWER DISSIPATION
fDAC = 250 MSPS, fOUT = 20 MHz
305
350
310
355
310
355
mW
DAC Outputs Disabled
120
125
125
mW
Full Device Power-Down
3
3
3
mW
OPERATING TEMPERATURE
−40
+85
−40
+85
−40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com