Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9746BCPZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD9746BCPZ
Description  Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9746BCPZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9746BCPZ Datasheet HTML 19Page - Analog Devices AD9746BCPZ Datasheet HTML 20Page - Analog Devices AD9746BCPZ Datasheet HTML 21Page - Analog Devices AD9746BCPZ Datasheet HTML 22Page - Analog Devices AD9746BCPZ Datasheet HTML 23Page - Analog Devices AD9746BCPZ Datasheet HTML 24Page - Analog Devices AD9746BCPZ Datasheet HTML 25Page - Analog Devices AD9746BCPZ Datasheet HTML 26Page - Analog Devices AD9746BCPZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD9741/AD9743/AD9745/AD9746/AD9747
Rev. 0 | Page 23 of 28
In pin mode, all register bits are reset to their default values
with the exception of those that are controlled by the SPI pins.
Note also that the RESET pin should be allowed to float and
must be pulled low. Connect an external 10 kΩ resistor to
DVSS. This avoids unexpected behavior in noisy environments.
DRIVING THE DAC CLOCK INPUT
The DAC clock input requires a low jitter drive signal. It is a
PMOS differential pair powered from the CVDD18 supply.
Each pin can safely swing up to 800 mV p-p at a common-
mode voltage of about 400 mV. Though these levels are not
directly LVDS-compatible, CLKP and CLKN can be driven by
an ac-coupled, dc-offset LVDS signal, as shown in Figure 29.
LVDS_P_IN
CLKP
50Ω
50Ω
0.1µF
0.1µF
LVDS_N_IN
CLKN
VCM = 400mV
Figure 29. LVDS DAC Clock Drive Circuit
Using a CMOS or TTL clock is also acceptable for lower sample
rates. It can be routed through an LVDS translator and then
ac-coupled as described previously, or alternatively, it can be
transformer-coupled and clamped, as shown in Figure 30.
50Ω
50Ω
TTL OR CMOS
CLK INPUT
CLKP
CLKN
VCM = 400mV
BAV99ZXCT
HIGH SPEED
DUAL DIODE
0.1µF
Figure 30. TTL or CMOS DAC Clock Drive Circuit
If a sine wave signal is available, it can be transformer-coupled
directly to the DAC clock inputs, as shown in Figure 31.
50Ω
SINE WAVE
INPUT
CLKP
CLKN
VCM = 400mV
Figure 31. Sine Wave DAC Clock Drive Circuit
The 400 mV common-mode bias voltage can be derived from
the CVDD18 supply through a simple divider network, as
shown in Figure 32.
0.1µF
1nF
VCM = 400mV
CVDD18
CVSS
1kΩ
287Ω
Figure 32. DAC Clock VCM Circuit
It is important to use CVDD18 and CVSS for any clock bias
circuit as noise that is coupled onto the clock from another
power supply is multiplied by the DAC input signal and
degrades performance.
FULL-SCALE CURRENT GENERATION
The full-scale currents on DAC1 and DAC2 are functions of
the current drawn through an external resistor connected to
the FSADJ pin (Pin 54). The required value for this resistor is
10 kΩ. An internal amplifier sets the current through the
resistor to force a voltage equal to the band gap voltage of 1.2 V.
This develops a reference current in the resistor of 120 μA.
CURRENT
SCALING
1.2V BANDGAP
DAC1 GAIN
DAC2 GAIN
AD9747
DAC1
DAC2
DAC FULL SCALE
REFERENCE CURRENT
REFIO
FSADJ
0.1µF
10kΩ
Figure 33. Reference Circuitry
REFIO (Pin 55) should be bypassed to ground with a 0.1 μF
capacitor. The band gap voltage is present on this pin and can
be buffered for use in external circuitry. The typical output
impedance is near 5 kΩ. If desired, an external reference can
be connected to REFIO to overdrive the internal reference.
Internal current mirrors provide a means for adjusting the
DAC full-scale currents. The gain for DAC1 and DAC2 can be
adjusted independently by writing to the DAC1FSC<9:0> and
DAC2FSC<9:0> register bits. The default value of 0x01F9 for
the DAC gain registers gives an IFS of 20 mA, where IFS equals
⎟
⎠
⎞
⎜
⎝
⎛
⎟
⎠
⎞
⎜
⎝
⎛
×
+
×
=
FSC
DAC
IFS
n
16
3
72
10,000
V
1.2
The full-scale output current range is 8.6 mA to 31.7 mA for
register values 0x000 to 0x3FF.
35
30
25
20
15
10
5
0
256
512
768
1024
DAC GAIN CODE
Figure 34. IFS vs. DAC Gain Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com