Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9746BCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9746BCPZ
Description  Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9746BCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9746BCPZ Datasheet HTML 3Page - Analog Devices AD9746BCPZ Datasheet HTML 4Page - Analog Devices AD9746BCPZ Datasheet HTML 5Page - Analog Devices AD9746BCPZ Datasheet HTML 6Page - Analog Devices AD9746BCPZ Datasheet HTML 7Page - Analog Devices AD9746BCPZ Datasheet HTML 8Page - Analog Devices AD9746BCPZ Datasheet HTML 9Page - Analog Devices AD9746BCPZ Datasheet HTML 10Page - Analog Devices AD9746BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD9741/AD9743/AD9745/AD9746/AD9747
Rev. 0 | Page 7 of 28
DIGITAL AND TIMING SPECIFICATIONS
TMIN to TMAX, AVDD33 = 3.3 V, DVDD33 = 3.3 V, DVDD18 = 1.8 V, CVDD18 = 1.8 V, IFS = 20 mA, full-scale digital input, maximum
sample rate, unless otherwise noted.
Table 5. AD9741/AD9743/AD9745/AD9746/AD9747
Parameter
Min
Typ
Max
Unit
DAC CLOCK INPUTS (CLKP, CLKN)
Differential Peak-to-Peak Voltage
400
800
1600
mV
Single-Ended Peak-to-Peak Voltage
800
mV
Common-Mode Voltage
300
400
500
mV
Input Current
1
μA
Input Frequency
250
MHz
DATA CLOCK OUTPUT (DCO)
Output Voltage High
2.4
V
Output Voltage Low
0.4
V
Output Current
10
mA
DAC Clock to Data Clock Output Delay (tDCO)
2.0
2.2
2.8
ns
DATA PORT INPUTS
Input Voltage High
2.0
V
Input Voltage Low
0.8
V
Input Current
1
μA
Data to DAC Clock Setup Time (tDBS Dual-Port Mode)
400
ps
Data to DAC Clock Hold Time (tDBH Dual-Port Mode)
1200
ps
DAC Clock to Analog Output Data Latency (Dual-Port Mode)
7
Cycles
Data or IQSEL Input to DAC Clock Setup Time (tDBS Single-Port Mode)
400
ps
Data or IQSEL Input to DAC Clock Hold Time (tDBH Single-Port Mode)
1200
ps
DAC Clock to Analog Output Data Latency (Single-Port Mode)
8
Cycles
SERIAL PERIPHERAL INTERFACE
SCLK Frequency (fSCLK)
40
MHz
SCLK Pulse Width High (tPWH)
10
ns
SCLK Pulse Width Low (tPWL)
10
ns
CSB to SCLK Setup Time (tS)
1
ns
CSB to SCLK Hold Time (tH)
0
ns
SDIO to SCLK Setup Time (tDS)
1
ns
SDIO to SCLK Hold Time (tDH)
0
ns
SCLK to SDIO/SDO Data Valid Time (tDV)
1
ns
RESET Pulse Width High
10
ns
WAKE-UP TIME AND OUTPUT LATENCY
From DAC Outputs Disabled
200
μs
From Full Device Power-Down
1200
μs
DAC Clock to Analog Output Latency (Dual-Port Mode)
7
Cycles
DAC Clock to Analog Output Latency (Single-Port Mode)
8
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com