Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9746BCPZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD9746BCPZ
Description  Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9746BCPZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9746BCPZ Datasheet HTML 20Page - Analog Devices AD9746BCPZ Datasheet HTML 21Page - Analog Devices AD9746BCPZ Datasheet HTML 22Page - Analog Devices AD9746BCPZ Datasheet HTML 23Page - Analog Devices AD9746BCPZ Datasheet HTML 24Page - Analog Devices AD9746BCPZ Datasheet HTML 25Page - Analog Devices AD9746BCPZ Datasheet HTML 26Page - Analog Devices AD9746BCPZ Datasheet HTML 27Page - Analog Devices AD9746BCPZ Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD9741/AD9743/AD9745/AD9746/AD9747
Rev. 0 | Page 25 of 28
0
–10
–20
–30
–40
0.5
1.5
2
FS
NORMAL
RZ
MIX
Figure 36. Transfer Function for Each Analog Operating Mode
AUXILIARY DACS
Two auxiliary DACs are provided on the AD9741/AD9743/
AD9745/AD9746/AD9747. A functional diagram is shown
in Figure 37. The auxiliary DACs are current output devices
with two output pins, AUXP and AUXN. The active pin can
be programmed to either source or sink current. When either
sinking or sourcing, the full-scale current magnitude is 2 mA.
The available compliance range at the auxiliary DAC outputs
depends on whether the output is configured to a sink or source
current. When sourcing current, the compliance voltage is 0 V
to 1.6 V, but when sinking current, the output compliance
voltage reduces to 0.8 V to 1.6 V. Either output can be used, but
only one output of the auxiliary DAC (P or N) is active at any
time. The inactive pin is always in a high impedance state
(>100 kΩ).
VBIAS
AUXP
AUXN
SINK
OR
SOURCE
POSITIVE
OR
NEGATIVE
0mA
TO
2mA
0mA
TO
2mA
Figure 37. Auxiliary DAC Functional Diagram
In a single side band transmitter application, the combination of
the input referred dc offset voltage of the quadrature modulator
and the DAC output offset voltage can result in local oscillator
(LO) feedthrough at the modulator output, which degrades
system performance. The auxiliary DACs can be used to remove
the dc offset and the resulting LO feedthrough. The circuit
configuration for using the auxiliary DACs for performing
dc offset correction depends on the details of the DAC and
modulator interface. An example of a dc-coupled configuration
with low-pass filtering is outlined in the Power Dissipation
section.
AD9747
AUX
DAC1 OR
DAC2
AD9747
DAC1 OR
DAC2
25Ω TO 50Ω
QUAD MOD
I OR Q INPUTS
QUADRATURE
MODULATOR V+
25Ω TO 50Ω
OPTIONAL
PASSIVE
FILTERING
Figure 38. DAC DC Coupled to Quadrature Modulator with Passive DC Shift
POWER DISSIPATION
Figure 39 shows the power dissipation and current draw of the
AD9741/AD9743/AD9745/AD9746/AD9747. It shows that the
devices have a quiescent power dissipation of about 190 mW.
Most of this comes from the AVDD33 supply. Total power
dissipation increases about 50% as the clock rate is increased
to the maximum clock rate of 250 MHz.
350
310
270
230
190
150
0
50
100
150
200
250
fDAC (MHz)
25
75
125
175
225
fOUT = DC
fOUT = NYQUIST
Figure 39. AD9747 Power Dissipation vs. fDAC
15
12
9
6
3
0
0
50
100
150
200
250
fDAC (MHz)
25
75
125
175
225
AD9747
AD9741
Figure 40. DVDD33 Current vs. fDAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com