Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2306CPZ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # SSM2306CPZ-R2
Description  2 W, Filterless, Class-D Stereo Audio Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2306CPZ-R2 Datasheet(HTML) 3 Page - Analog Devices

  SSM2306CPZ-R2 Datasheet HTML 1Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 2Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 3Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 4Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 5Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 6Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 7Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 8Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SSM2306
Rev. 0 | Page 3 of 16
SPECIFICATIONS
VDD = 5.0 V; TA = 25oC; RL = 4 Ω, 8 Ω; gain = 6 dB, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DEVICE CHARACTERISTICS
Output Power
PO
RL = 4 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, VDD = 5.0 V
1.8
W
RL = 8 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, VDD = 5.0 V
1.4
W
RL = 4 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, VDD = 3.6 V
0.9
W
RL = 8 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, VDD = 3.6 V
0.615
W
RL = 4 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, VDD = 2.5 V
0.35
W
RL = 8 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, VDD = 2.5 V
0.275
W
RL = 4 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, VDD = 5.0 V
2.4
W
RL = 8 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, VDD = 5.0 V
1.53
W
RL = 4 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, VDD = 3.6 V
1.1
W
RL = 8 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, VDD = 3.6 V
0.77
W
RL = 4 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, VDD = 2.5 V
0.45
W
RL = 8 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, VDD = 2.5 V
0.35
W
Efficiency
η
POUT = 2 W, 4 Ω, VDD = 5.0 V
75
%
POUT = 1.4 W, 8 Ω, VDD = 5.0 V
85
%
Total Harmonic Distortion + Noise
THD + N
PO = 2 W into 4 Ω each channel, f = 1 kHz, VDD = 5.0 V
0.4
%
PO = 1 W into 8 Ω each channel, f = 1 kHz, VDD = 5.0 V
0.02
%
Input Common-Mode Voltage Range
VCM
1.0
VDD − 1
V
Common-Mode Rejection Ratio
CMRRGSM
VCM = 2.5 V ± 100 mV at 217 Hz, G = 18 dB, input
referred
70
dB
Channel Separation
XTALK
PO = 100 mW , f = 1 kHz
78
dB
Average Switching Frequency
fSW
420
kHz
Differential Output Offset Voltage
VOOS
2.0
mV
POWER SUPPLY
Supply Voltage Range
VDD
Guaranteed from PSRR test
2.5
5.0
V
Power Supply Rejection Ratio
PSRR
VDD = 2.5 V to 5.0 V
70
85
dB
PSRRGSM
VRIPPLE = 100 mV rms at 217 Hz, inputs ac GND,
CIN = 0.1 μF, input referred
75
dB
Supply Current
ISY
VIN = 0 V, no load, VDD = 5.0 V
6.5
mA
VIN = 0 V, no load, VDD = 3.6 V
5.7
mA
VIN = 0 V, no load, VDD = 2.5 V
5.1
mA
Shutdown Current
ISD
SD = GND
20
nA
GAIN
Closed-Loop Gain
Av
REXT = 0
18
dB
Differential Input Impedance
ZIN
SD = VDD
43
kΩ
SHUTDOWN CONTROL
Input Voltage High
VIH
ISY ≥ 1 mA
1.2
V
Input Voltage Low
VIL
ISY ≤ 300 nA
0.5
V
Turn-On Time
tWU
SD rising edge from GND to VDD
30
ms
Turn-Off Time
tSD
SD falling edge from VDD to GND
5
μs
Output Impedance
OUT
SD = GND
>100
kΩ
NOISE PERFORMANCE
Output Voltage Noise
en
VDD = 3.6 V, f = 20 Hz to 20 kHz, inputs are
ac-grounded, AV = 18 dB, RL = 4 Ω, A weighting
44
μV
Signal-to-Noise Ratio
SNR
POUT = 2.0 W, RL = 4 Ω
96
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com