Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2306CPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # SSM2306CPZ-R2
Description  2 W, Filterless, Class-D Stereo Audio Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2306CPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button SSM2306CPZ-R2 Datasheet HTML 2Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 3Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 4Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 5Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 6Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 7Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 8Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 9Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SSM2306
Rev. 0 | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
100
0.001
0.01
0.0001
10
OUTPUT POWER (W)
10
1
0.1
0.001
0.01
0.1
1
VDD = 3.6V
VDD = 5V
VDD = 2.5V
RL = 4Ω, 33µH
AV = 18dB
Figure 3. THD + N vs. Output Power into 4 Ω, AV = 18 dB
100
0.001
0.01
0.0001
10
OUTPUT POWER (W)
10
1
0.1
0.001
0.01
0.1
1
VDD = 3.6V
VDD = 5V
VDD = 2.5V
RL = 8Ω, 33µH
AV = 18dB
Figure 4. THD + N vs. Output Power into 8 Ω, AV = 18 dB
100
0.001
0.01
0.0001
10
OUTPUT POWER (W)
10
1
0.1
0.001
0.01
0.1
1
RL = 4Ω, 33µH
AV = 6dB
VDD = 2.5V
VDD = 3.6V
VDD = 5V
Figure 5. THD + N vs. Output Power into 4 Ω, AV = 6 dB
100
0.001
0.01
0.001
0.01
0.0001
10
OUTPUT POWER (W)
10
1
0.1
0.1
1
VDD = 5V
VDD = 2.5V
RL = 8Ω, 33µH
AV = 6dB
VDD = 3.6V
Figure 6. THD + N vs. Output Power into 8 Ω, AV = 6 dB
100
0.001
10
100k
FREQUENCY (Hz)
10
1
0.1
0.01
100
1k
10k
0.25W
1W
0.5W
VDD = 5V
RL = 8Ω, 33µH
AV = 18dB
Figure 7. THD + N vs. Frequency, VDD = 5 V, RL = 8 Ω, AV = 18 dB
0.001
0.01
0.1
1
10
100
10
100
1k
10k
100k
FREQUENCY (Hz)
VDD = 5V
AV = 18dB
RL = 4Ω, 33µH
2W
1W
0.5W
Figure 8. THD + N vs. Frequency, VDD = 5 V, RL = 4 Ω, AV = 18 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com