Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2306CPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # SSM2306CPZ-R2
Description  2 W, Filterless, Class-D Stereo Audio Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2306CPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button SSM2306CPZ-R2 Datasheet HTML 6Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 7Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 8Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 9Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 10Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 11Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 12Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 13Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SSM2306
Rev. 0 | Page 10 of 16
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100
1k
10k
100k
FREQUENCY (Hz)
7
6
5
4
3
2
1
0
–1
–2
–10
0
102030405060708090
TIME (ms)
SD INPUT
OUTPUT
Figure 27. PSRR vs. Frequency
Figure 30. Turn-On Response
7
6
5
4
3
2
1
0
–1
–2
–20
0
20
40
60
80
100
120
140
160
180
TIME (ms)
OUTPUT
SD INPUT
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100
1k
10k
100k
FREQUENCY (Hz)
RL = 8Ω, 33µH
Figure 31. Turn-Off Response
Figure 28. CMRR vs. Frequency
–140
–120
–100
–80
–60
–40
–20
0
10
100
1k
10k
100k
FREQUENCY (Hz)
VDD = 3.6V
VRIPPLE = 1V rms
RL = 8Ω, 33µH
Figure 29. Crosstalk vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com