Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2306CPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # SSM2306CPZ-R2
Description  2 W, Filterless, Class-D Stereo Audio Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2306CPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  SSM2306CPZ-R2 Datasheet HTML 1Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 2Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 3Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 4Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 5Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 6Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 7Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 8Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SSM2306
Rev. 0 | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
NC = NO CONNECT
1
OUTL+
2
OUTL–
3
SD
4
INL+
11 OUTR–
12 OUTR+
10 NC
9 INR+
TOP VIEW
(Not to Scale)
SSM2306
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
OUTL+
Inverting Output for Left Channel.
2
OUTL−
Noninverting Output for Left Channel.
3
SD
Shutdown Input. Active low digital input.
4
INL+
Noninverting Input for Left Channel.
5
INL−
Inverting Input for Left Channel.
6
NC
No Connect.
7
NC
No Connect.
8
INR−
Inverting Input for Right Channel.
9
INR+
Noninverting Input for Right Channel.
10
NC
No Connect.
11
OUTR−
Noninverting Output for Right Channel.
12
OUTR+
Inverting Output for Right Channel.
13
GND
Ground for Output Amplifiers.
14
VDD
Power Supply for Output Amplifiers.
15
VDD
Power Supply for Output Amplifiers.
16
GND
Ground for Output Amplifiers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com