Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55015STR-E Datasheet(PDF) 11 Page - STMicroelectronics

Part # PD55015STR-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55015STR-E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PD55015STR-E Datasheet HTML 7Page - STMicroelectronics PD55015STR-E Datasheet HTML 8Page - STMicroelectronics PD55015STR-E Datasheet HTML 9Page - STMicroelectronics PD55015STR-E Datasheet HTML 10Page - STMicroelectronics PD55015STR-E Datasheet HTML 11Page - STMicroelectronics PD55015STR-E Datasheet HTML 12Page - STMicroelectronics PD55015STR-E Datasheet HTML 13Page - STMicroelectronics PD55015STR-E Datasheet HTML 14Page - STMicroelectronics PD55015STR-E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
PD55015-E, PD55015S-E
Typical performance
11/27
Figure 24.
Drain efficiency vs. output power
Figure 25.
Input Return Loss vs Output Power
0
5
10
15
20
Pout (W)
10
20
30
40
50
60
70
Nd (%)
Vdd = 12.5V
Idq = 150mA
876 MHz
900 MHz
915 MHz
0
5
10
15
20
Pout (W)
-30
-20
-10
0
Rl (dB)
Vdd = 12.5V
Idq = 150mA
900 MHz
915 MHz
876 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com