Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55015STR-E Datasheet(PDF) 15 Page - STMicroelectronics

Part # PD55015STR-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55015STR-E Datasheet(HTML) 15 Page - STMicroelectronics

Back Button PD55015STR-E Datasheet HTML 11Page - STMicroelectronics PD55015STR-E Datasheet HTML 12Page - STMicroelectronics PD55015STR-E Datasheet HTML 13Page - STMicroelectronics PD55015STR-E Datasheet HTML 14Page - STMicroelectronics PD55015STR-E Datasheet HTML 15Page - STMicroelectronics PD55015STR-E Datasheet HTML 16Page - STMicroelectronics PD55015STR-E Datasheet HTML 17Page - STMicroelectronics PD55015STR-E Datasheet HTML 18Page - STMicroelectronics PD55015STR-E Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
PD55015-E, PD55015S-E
Common source s-parameter
15/27
7
Common source s-parameter
7.1
PD55015S (VDS = 12.5V IDS = 225mA)
Table 7.
S-parameter
FREQ
IS11IIS21IIS12IS12
∠Φ
IS22IS22
∠Φ
(MHz)
50
0.769
-161
12.12
85
0.027
-3
0.730
-160
100
0.820
-167
5.77
74
0.026
-14
0.746
-166
150
0.847
-170
3.75
66
0.025
-21
0.769
-167
200
0.869
-172
2.66
59
0.023
-29
0.798
-168
250
0.884
-172
2.00
51
0.022
-34
0.851
-168
300
0.900
-173
1.56
45
0.019
-39
0.849
-169
350
0.914
-174
1.25
40
0.018
-43
0.872
-171
400
0.925
-175
1.02
35
0.016
-47
0.890
-171
450
0.936
-176
0.84
31
0.014
-50
0.905
-172
500
0.944
-176
0.71
28
0.013
-51
0.919
-173
550
0.950
-177
0.61
24
0.011
-53
0.927
-174
600
0.955
-178
0.52
22
0.010
-56
0.940
-175
650
0.960
-179
0.46
19
0.008
-55
0.941
-176
700
0.963
-179
0.40
17
0.007
-58
0.950
-177
750
0.965
-180
0.35
14
0.007
-57
0.952
-177
800
0.970
1800.32
130.005
-52
0.959
-178
850
0.970
1790.29
110.005
-55
0.956
-178
900
0.973
179
0.26
9
0.004
-45
0.965
-179
950
0.974
178
0.23
8
0.003
-31
0.964
-180
1000
0.976
178
0.21
6
0.003
-30
0.965
180
1050
0.978
177
0.20
5
0.002
-27
0.967
179
1100
0.977
177
0.18
3
0.001
-13
0.970
179
1150
0.979
176
0.17
3
0.002
18
0.971
179
1200
0.979
176
0.16
1
0.002
42
0.966
179
1250
0.979
176
0.15
0
0.002
64
0.984
179
1300
0.979
175
0.14
-2
0.003
75
0.991
176
1350
0.980
175
0.13
-3
0.003
93
0.974
177
1400
0.979
175
0.12
-3
0.004
90
0.975
176
1450
0.976
174
0.11
-4
0.004
102
0.972
176
1500
0.978
174
0.10
-4
0.006
112
0.976
175
S11
∠Φ
S21
∠Φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com