Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55015STR-E Datasheet(PDF) 16 Page - STMicroelectronics

Part # PD55015STR-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55015STR-E Datasheet(HTML) 16 Page - STMicroelectronics

Back Button PD55015STR-E Datasheet HTML 12Page - STMicroelectronics PD55015STR-E Datasheet HTML 13Page - STMicroelectronics PD55015STR-E Datasheet HTML 14Page - STMicroelectronics PD55015STR-E Datasheet HTML 15Page - STMicroelectronics PD55015STR-E Datasheet HTML 16Page - STMicroelectronics PD55015STR-E Datasheet HTML 17Page - STMicroelectronics PD55015STR-E Datasheet HTML 18Page - STMicroelectronics PD55015STR-E Datasheet HTML 19Page - STMicroelectronics PD55015STR-E Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Common source s-parameter
PD55015-E, PD55015S-E
16/27
7.2
PD55015S (VDS = 12.5V IDS = 1.2A)
Table 8.
S-parameter
FREQ
IS11IS11
∠Φ
IS21IS21
∠Φ
IS12IS12
∠Φ
IS22IS22
∠Φ
(MHz)
50
0.826
-170
13.80
85
0.015
0
0.821
-171
100
0.872
-173
6.68
79
0.014
-6
0.824
-174
150
0.893
-175
4.49
74
0.014
-11
0.828
-175
200
0.905
-176
3.30
70
0.014
-15
0.838
-176
250
0.907
-177
2.59
64
0.013
-17
0.843
-176
300
0.914
-178
2.11
60
0.012
-20
0.856
-176
350
0.920
-178
1.74
55
0.012
-22
0.867
-176
400
0.925
-178
1.47
51
0.011
-25
0.876
-176
450
0.931
-179
1.26
46
0.010
-28
0.884
-177
500
0.937
-179
1.09
43
0.009
-30
0.895
-177
550
0.940
-180
0.95
39
0.008
-29
0.904
-177
600
0.945
-180
0.84
36
0.007
-31
0.915
-177
650
0.949
180
0.75
33
0.007
-26
0.915
-178
700
0.953
179
0.67
31
0.006
-27
0.926
-178
750
0.955
179
0.60
28
0.005
-25
0.929
-179
800
0.959
178
0.54
26
0.005
-20
0.936
-179
850
0.961
178
0.49
24
0.004
-14
0.934
-180
900
0.962
178
0.45
22
0.004
-4
0.944
180
950
0.964
177
0.42
20
0.004
1
0.943
180
1000
0.967
177
0.38
18
0.004
6
0.945
179
1050
0.968
176
0.35
16
0.003
16
0.948
179
1100
0.965
176
0.33
14
0.003
40
0.952
178
1150
0.970
176
0.31
13
0.003
36
0.955
179
1200
0.971
175
0.29
11
0.003
59
0.954
179
1250
0.971
175
0.27
9
0.004
60
0.971
178
1300
0.970
175
0.25
7
0.004
63
0.975
176
1350
0.972
174
0.24
5
0.004
67
0.959
176
1400
0.971
174
0.22
4
0.005
76
0.960
176
1450
0.970
174
0.20
3
0.005
88
0.961
175
1500
0.970
174
0.19
2
0.006
103
0.963
175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com