Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55015STR-E Datasheet(PDF) 17 Page - STMicroelectronics

Part # PD55015STR-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55015STR-E Datasheet(HTML) 17 Page - STMicroelectronics

Back Button PD55015STR-E Datasheet HTML 13Page - STMicroelectronics PD55015STR-E Datasheet HTML 14Page - STMicroelectronics PD55015STR-E Datasheet HTML 15Page - STMicroelectronics PD55015STR-E Datasheet HTML 16Page - STMicroelectronics PD55015STR-E Datasheet HTML 17Page - STMicroelectronics PD55015STR-E Datasheet HTML 18Page - STMicroelectronics PD55015STR-E Datasheet HTML 19Page - STMicroelectronics PD55015STR-E Datasheet HTML 20Page - STMicroelectronics PD55015STR-E Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
PD55015-E, PD55015S-E
Common source s-parameter
17/27
7.3
PD55015S (VDS = 12.5V IDS = 2.25A)
Table 9.
S-parameter
FREQ
IS11IS11
∠Φ
IS21IS21
∠Φ
IS12IS12
∠Φ
IS22IS22
∠Φ
(MHz)
50
0.838
-171
13.85
85
0.013
0
0.837
-173
100
0.882
-174
6.71
80
0.012
-7
0.839
-175
150
0.903
-176
4.53
76
0.012
-7
0.841
-176
200
0.914
-177
3.35
72
0.012
-11
0.849
-176
250
0.915
-178
2.64
66
0.012
-13
0.853
-177
300
0.920
-178
2.16
62
0.011
-17
0.861
-177
350
0.925
-179
1.79
57
0.010
-17
0.871
-177
400
0.929
-179
1.53
53
0.010
-21
0.877
-177
450
0.934
-179
1.31
49
0.009
-22
0.887
-177
500
0.937
-180
1.14
46
0.008
-23
0.894
-177
550
0.940
180
1.00
42
0.008
-22
0.903
-178
600
0.947
180
0.89
39
0.007
-20
0.913
-178
650
0.950
179
0.79
36
0.006
-19
0.913
-178
700
0.951
179
0.71
34
0.006
-19
0.921
-179
750
0.954
179
0.64
31
0.005
-15
0.927
-179
800
0.958
178
0.58
29
0.005
-8
0.932
-179
850
0.959
178
0.53
26
0.004
-3
0.930
180
900
0.962
177
0.48
24
0.004
0
0.940
179
950
0.964
177
0.45
22
0.004
7
0.941
179
1000
0.966
177
0.41
20
0.004
16
0.939
179
1050
0.967
176
0.38
18
0.004
23
0.946
178
1100
0.965
176
0.36
17
0.003
40
0.950
178
1150
0.967
176
0.33
15
0.003
41
0.952
179
1200
0.970
175
0.32
13
0.004
58
0.950
178
1250
0.971
175
0.30
11
0.004
59
0.966
178
1300
0.693
175
0.27
8
0.004
57
0.973
176
1350
0.972
174
0.26
7
0.005
68
0.957
176
1400
0.971
174
0.24
6
0.005
76
0.958
176
1450
0.969
174
0.22
5
0.005
88
0.957
175
1500
0.969
173
0.21
4
0.007
99
0.961
175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com