Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAZP Datasheet(PDF) 2 Page - Apex Electronics Co., Ltd

Part # TAZP
Description  Piezo Switch, 50 million cycles, IP68, illumination
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

TAZP Datasheet(HTML) 2 Page - Apex Electronics Co., Ltd

  TAZP Datasheet HTML 1Page - Apex Electronics Co., Ltd TAZP Datasheet HTML 2Page - Apex Electronics Co., Ltd TAZP Datasheet HTML 3Page - Apex Electronics Co., Ltd TAZP Datasheet HTML 4Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
02
TAZP Series
Pizeo Switch, 50 million cycles, IP68, illumination
CIRCUIT
00 Without led application diagram
Available with 16mm Bushing only
Available with 19mm/22mm Bushing only
3C Color led application diagram
Available with 19mm/22mm Bushing only
BUSHING
F Flat button type
Non double flatted
F Flat button type
Double flatted
F Flat button type
Double flatted
M Concave button type
Double flatted
R
R
R
B
R
.055
1.40
.73
18.60
Ø
.87
Ø
22.00
.055
1.40
.73
18.60
Ø
.98
Ø
25.00
.81
20.50
.69
17.50
Ø
.57
Ø
14.50
M16x1.0
M19x1.0
M22x1.0
.18
4.50
.61
15.50
Ø
.71
Ø
18.00
Ø
.57
Ø
14.50
Ø
.58
Ø
14.80
M16x1.0
.18
4.50
.61
15.50
Ø
.71
Ø
18.00
.67
17.00
.12
3.00
Ø
1.10
Ø
28.00
.72
18.20
.07
1.80
Ø
.98
Ø
25.00
.69
17.50
.81
20.50
M19x1.0
M22x1.0
Concave
Concave
Ø
.64
Ø
16.20
Max.Panel thickness:10.0mm[.394]
Max.Panel thickness:8.0mm[.315](Max.)
PANEL CUTOUT
Max.Panel thickness:10.0mm[.394]
R.44
R11.10
.81
20.70
.70
17.70
R.38
R9.60
y
l
n
o
g
n
i
h
s
u
B
m
m
2
2
h
ti
w
e
l
b
a
li
a
v
A
y
l
n
o
g
n
i
h
s
u
B
m
m
9
1
h
ti
w
e
l
b
a
li
a
v
A
y
l
n
o
g
n
i
h
s
u
B
m
m
6
1
h
ti
w
e
l
b
a
li
a
v
A
.584 .000
14.83 0.00
Ø
.630 .000
Ø
16.00 0.00
Non double flated
Double flated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com