Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAZP Datasheet(PDF) 3 Page - Apex Electronics Co., Ltd

Part # TAZP
Description  Piezo Switch, 50 million cycles, IP68, illumination
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

TAZP Datasheet(HTML) 3 Page - Apex Electronics Co., Ltd

  TAZP Datasheet HTML 1Page - Apex Electronics Co., Ltd TAZP Datasheet HTML 2Page - Apex Electronics Co., Ltd TAZP Datasheet HTML 3Page - Apex Electronics Co., Ltd TAZP Datasheet HTML 4Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
03
TAZP Series
Pizeo Switch, 50 million cycles, IP68, illumination
LIGHT TYPE
F Flat button type (Without led)
F Flat button type (Illuminated ring)
Ø
.76
Ø
19.40
Ø
.71
Ø
18.00
Ø
.76
Ø
19.40
Ø
.98
Ø
25.00
Ø
.87
Ø
22.00
Ø
1.10
Ø
28.00
Ø
.98
Ø
25.00
Ø
1.10
Ø
28.00
Ø
.98
Ø
25.00
Ø
.76
Ø
19.40
Ø
.61
Ø
15.60
Ø
.618
Ø
15.70
Ø
.618
Ø
15.70
19mm Bushing
F Flat, Without led
g
n
i
h
s
u
B
m
m
2
2
g
n
i
h
s
u
B
m
m
9
1
g
n
i
h
s
u
B
m
m
2
2
g
n
i
h
s
u
B
m
m
2
2
g
n
i
h
s
u
B
m
m
9
1
g
n
ir
d
e
t
a
n
i
m
u
ll
I
g
n
ir
d
e
t
a
n
i
m
u
ll
I
g
n
ir
d
e
t
a
n
i
m
u
ll
I
g
n
ir
d
e
t
a
n
i
m
u
ll
I
M Concave button type (Without led)
M Concave button type (Illuminated ring)
WIRE
Wire:Brown
.61
15.50
.18
4.50
Part No. Shown : TAZP16N-B4-C1HN00-00D301
5.90(REF.)
150(REF.)
2.54mm
Connector
Ø.71
Ø
18.00
M16x1.0
CAP
CAP
CAP
CAP
A
A
SECTION A-A
M Concave, Without led
Part No. Shown : TAZP19N-B4-F1MN00-00D101
Wire:Brown
.72
18.20
.07
1.80
EPOXY
2.54mm
Connector
5.90(REF.)
150(REF.)
.69
17.50
M19x1.0
A
A
SECTION A-A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com