Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAZP Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # TAZP
Description  Piezo Switch, 50 million cycles, IP68, illumination
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

TAZP Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  TAZP Datasheet HTML 1Page - Apex Electronics Co., Ltd TAZP Datasheet HTML 2Page - Apex Electronics Co., Ltd TAZP Datasheet HTML 3Page - Apex Electronics Co., Ltd TAZP Datasheet HTML 4Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
01
TAZP Series
Piezo Switch, 50 million cycles, IP68, illumination
HOW T
SPECIFICATIONS
RATING : 5-24VADC/1A PULSE MODE.
OPERATING LIFE : 50 MILLION CYCLE MIN.
CONTACT RESISTANCE :
OPERATING TEMPERATURE: -20°C to 65°C.
MATERIALS
BUSHING: Aluminum alloy / Stainless steel.
SEALING :
HEX NUT : Nickel plated brass.
1Ω MAX.
Silicone, Epoxy.
TAZP16 HOW TO ORDER
TAZP
MODEL
NO.
BUSHING
CONTACT
CONFIGURATION
BODY
TYPE
T
H
G
I
L
G
N
I
T
A
R
TYPE
BUTTON
TYPE
CAP
MARKING
LED
COLOR
WIRE
Button type
H High flat
Cap marking
00 No
00 Without LED
Light type
N Without LED
Body type
LED Color
C1
F1
F3
D0
D3
Al alloy, non double flated
(Natural anodized)
Al alloy, double flated
(Natural anodized)
Al alloy, double flated
(Black anodized)
SUS 304
SUS 316
TAZP19/ 22 HOW TO ORDER
TAZP
MODEL
NO.
BUSHING
CONTACT
CONFIGURATION
BODY
TYPE
T
H
G
I
L
G
N
I
T
A
R
TYPE
BUTTON
TYPE
CAP
MARKING
LED
COLOR
WIRE
Bushing
Contact
Configuration
19
22
19mm
22mm
Button type
F
M
Flat
Concave
Cap marking
00 No
3C RGB
Light type
N
E
Without LED
Illuminated ring
Rating
B4 5-24VADC / 1A
Body type
D101
D102
N Momentary/Pulse
Bushing
Contact
Configuration
16 16mm
Rating
B4 5-24VADC / 1A
N Momentary/Pulse
LED Color
Wire
D301
D302
26AWG 150mm+2.54 1x2 Connector
26AWG 300mm+2.54 1x2 Connector
Wire
F1
F3
D0
D3
Al alloy, double flated
(Natural anodized)
Al alloy, double flated
(Black anodized)
SUS 304
SUS 316
26AWG 150mm+2.54 1x6 Connector
26AWG 300mm+2.54 1x6 Connector


Similar Part No. - TAZP

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TAZ KSS-TAZ Datasheet
1Mb / 14P
CWR09 - MIL-PRF-55365/4 Established Reliability
logo
AVX Corporation
TAZA225004C AVX-TAZA225004C Datasheet
895Kb / 51P
Introduction AVX Tantalum
TAZB475004C AVX-TAZB475004C Datasheet
895Kb / 51P
Introduction AVX Tantalum
TAZD106004C AVX-TAZD106004C Datasheet
895Kb / 51P
Introduction AVX Tantalum
TAZE156004C AVX-TAZE156004C Datasheet
895Kb / 51P
Introduction AVX Tantalum
More results

Similar Description - TAZP

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MTS-18B MINI-MTS-18B Datasheet
102Kb / 1P
15 Million cycles MTS-18B Transfer Switch DC to 18 GHz
logo
Vishay Siliconix
P30L VISHAY-P30L Datasheet
133Kb / 5P
Long Life Potentiometer - 1 Million Cycles Heavy Duty - Cermet Fully Sealed
04-Sep-08
logo
Grayhill, Inc
62R22-01-040S GRAYHILL-62R22-01-040S Datasheet
394Kb / 2P
Redundant Circuitry 1 Million Rotational Cycles
logo
ALPS ELECTRIC CO.,LTD.
RK09Y11L ALPS-RK09Y11L_15 Datasheet
649Kb / 3P
A compact long-life type with a rotational life of 1 million cycles
logo
TT Electronics.
PHS07 TTELEC-PHS07 Datasheet
431Kb / 3P
High accuracy and long life over 1 million cycles
logo
Vishay Siliconix
P11L VISHAY-P11L Datasheet
216Kb / 13P
Long Life Cermet Potentiometer 2 Million Cycles
04-Jul-17
logo
Schurter Inc.
PSENO16 SCHURTER-PSENO16_V02 Datasheet
668Kb / 5P
Piezo Switch N.O.
05.01.2022
logo
Vishay Siliconix
P11L VISHAY-P11L_V01 Datasheet
185Kb / 13P
Long Life Cermet Potentiometer 2 Million Cycles
02-Nov-2021
P13L VISHAY-P13L_V01 Datasheet
143Kb / 6P
Long Life Cermet Potentiometer up to 2 Million Cycles
30-Jul-2021
P30L VISHAY-P30L_V01 Datasheet
150Kb / 6P
Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
25-Jul-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com