Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAZP Datasheet(PDF) 4 Page - Apex Electronics Co., Ltd

Part # TAZP
Description  Piezo Switch, 50 million cycles, IP68, illumination
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

TAZP Datasheet(HTML) 4 Page - Apex Electronics Co., Ltd

  TAZP Datasheet HTML 1Page - Apex Electronics Co., Ltd TAZP Datasheet HTML 2Page - Apex Electronics Co., Ltd TAZP Datasheet HTML 3Page - Apex Electronics Co., Ltd TAZP Datasheet HTML 4Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
04
TAZP Series
Pizeo Switch, 50 million cycles, IP68, illumination
.055
1.40
.73
18.60
.055
1.40
.73
18.60
5.90(REF.)
150(REF.)
A
A
EPOXY
2.54mm
Connector
.81
20.50
M22x1.0
SECTION A-A
SECTION A-A
SECTION A-A
5.90(REF.)
150(REF.)
2.54mm
Connector
EPOXY
.69
17.50
.72
18.20
.07
1.80
5.90(REF.)
150(REF.)
2.54mm
Connector
EPOXY
.69
17.50
WIRE
Part No. Shown : TAZP19N-B4-F1ME00-3CD101
Part No. Shown : TAZP22N-B4-F1FE00-3CD101
Part No. Shown : TAZP19N-B4-F1FE00-3CD101
M Concave, Illuminated ring
F Flat, Illuminated ring
F Flat, Illuminated ring
Wire:Brown
Wire:Orange
Wire:Green
Wire:Black
Wire:Red
Wire:Blue
Wire:Brown
Wire:Orange
Wire:Green
Wire:Black
Wire:Red
Wire:Blue
Wire:Brown
Wire:Orange
Wire:Green
Wire:Black
Wire:Red
Wire:Blue
A
A
A
A
SECTION A-A
Part No. Shown : TAZP22N-B4-F1ME00-3CD101
.67
17.00
.12
3.00
5.90(REF.)
150(REF.)
2.54mm
Connector
.81
20.50
M22x1.0
M Concave,Illuminated ring
EPOXY
Wire:Brown
Wire:Orange
Wire:Green
Wire:Black
Wire:Red
Wire:Blue
A
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com