Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDFRA8 Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # LEDFRA8
Description   12V / 24V RF Controller and Touch Remote - CCT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

LEDFRA8 Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  LEDFRA8 Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
LEDFRA8
DESCRIPTION
12V / 24V RF Controller and Touch Remote - CCT
NET WEIGHT (KG)
0.23
FINISH
Black
DIMENSIONS (MM)
Length - 81
Height - 32
Width - 84
CONSTRUCTION
Construction - Pressed steel
Construction 2 - & polycarbonate
CLASS
III
IP RATING
IP20
INPUT VOLTAGE
12/24V
SECONDARY VOLTAGE
12/24V
LOAD/MAX. LOAD
144W/288W
WIRELESS RANGE
20
BATTERY INCLUDED
No
BATTERY REQUIRED
3 x AAA
WARRANTY
1year(s)
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5056270871593
Date Created: 02/05/2024 06:58
www.mlaccessories.co.uk
LEDFRA8
12V / 24V RF Controller and Touch Remote - CCT


Similar Part No. - LEDFRA8

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
LEDFRA1 KNIGHTSBRIDGE-LEDFRA1 Datasheet
175Kb / 1P
12V / 24V In-line RF Controller and Remote
02/05/2024
LEDFRA6 KNIGHTSBRIDGE-LEDFRA6 Datasheet
174Kb / 1P
12V / 24V RF Touch Controller and Remote - RGBW
02/05/2024
LEDFRA7 KNIGHTSBRIDGE-LEDFRA7 Datasheet
198Kb / 1P
12V / 24V RF Controller and Touch Remote
02/05/2024
LEDFRA9 KNIGHTSBRIDGE-LEDFRA9 Datasheet
188Kb / 1P
12V / 24V RF Controller and Touch Remote - RGB
02/05/2024
More results

Similar Description - LEDFRA8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FF0433M92-TEA3 ETC-FF0433M92-TEA3 Datasheet
80Kb / 3P
RF SAW Filter for Wireless Remote Controller
901150012EMS ETC2-901150012EMS Datasheet
383Kb / 2P
LED CV DC 150W 12V, 24V
logo
ORION FANS
OD1225 ORIONFANS-OD1225 Datasheet
247Kb / 1P
DC FAN - 12V, 24V
OD9238VA ORIONFANS-OD9238VA Datasheet
153Kb / 1P
DC Fan - 12V, 24V and 48V
logo
Lite-On Technology Corp...
HA-1400-12 LITEON-HA-1400-12 Datasheet
307Kb / 3P
Industrial Adapter 12V & 24V Series
HA-1600-12 LITEON-HA-1600-12 Datasheet
310Kb / 3P
Industrial Adapter 12V & 24V Series
PA-1181-28E LITEON-PA-1181-28E Datasheet
336Kb / 3P
Industrial Adapter 12V & 24V Series
PA-1331-92E LITEON-PA-1331-92E Datasheet
381Kb / 3P
Industrial Adapter 12V & 24V Series
PA-1900-88V LITEON-PA-1900-88V Datasheet
324Kb / 3P
Industrial Adapter 12V & 24V Series
logo
TiMOTION Technology Co....
TID1 TIMOTION-TID1 Datasheet
461Kb / 3P
Input Voltage 12V DC, 24V DC
20230925-E
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com