Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F800DB55N1F Datasheet(PDF) 52 Page - STMicroelectronics

Part # M29F800DB55N1F
Description  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F800DB55N1F Datasheet(HTML) 52 Page - STMicroelectronics

Back Button M29F800DB55N1F Datasheet HTML 45Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 46Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 47Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 48Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 49Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 50Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 51Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 52Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 53 page
background image
Revision history
M29F800DT
52/53
Revision history
Table 28.
Document revision history
Date
Revision
Revision details
13-Dec-2001
-01
First Issue
21-Jan-2002
-02
VIH(max) value corrected
01-Mar-2002
-03
Description of Ready/Busy signal clarified (and Figure 13: Reset/Block
Temporary Unprotect AC waveforms modified)
Clarified allowable commands during block erase
Clarified the mode the device returns to in the CFI Read Query command
section
17-Feb-2003
4.0
Revision numbering modified: a minor revision will be indicated by
incrementing the digit after the dot, and a major revision, by incrementing
the digit before the dot (revision version 03 equals 3.0).
Erase Suspend Latency Time (typical) and Data Retention parameters
added to Table 6: Program, Erase times and Program, Erase Endurance
cycles, and notes added to the table. Figure 1: Logic diagram, and
Figure 7: Data Toggle flowchart corrected.
Lead-free package options E and F added to Table 18: Ordering
information scheme.
Document promoted to full datasheet.
08-Jul-2003
4.1
TSOP48 package information updated (see Figure 15: TSOP48 – 48
lead Plastic Thin Small Outline, 12 x 20mm, package outline and
Table 17: TSOP48 – 48 lead Plastic Thin Small Outline, 12 x 20mm,
package mechanical data). Cross-references updated in Appendix B:
Common Flash Interface (CFI) on page 42. Temperature range 3 added.
24-Aug-2006
5
Changed document to new template; indicated that Ready/Busy Output
now available for both SO44 and TSOP48 packages (see Table 1.: Signal
names); removed temperature range 3 from Table 9 and Table 18;
ecopack compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com