Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F800DB55N1F Datasheet(PDF) 6 Page - STMicroelectronics

Part # M29F800DB55N1F
Description  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F800DB55N1F Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M29F800DB55N1F Datasheet HTML 2Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 3Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 4Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 5Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 6Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 7Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 8Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 9Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
Summary description
M29F800DT
6/53
1
Summary description
The M29F800D is a 8 Mbit (1Mb x8 or 512Kb x16) non-volatile memory that can be read,
erased and reprogrammed. These operations can be performed using a single low voltage
(5V) supply. On power-up the memory defaults to its Read mode where it can be read in the
same way as a ROM or EPROM.
The memory is divided into blocks that can be erased independently so it is possible to
preserve valid data while old data is erased. Each block can be protected independently to
prevent accidental Program or Erase commands from modifying the memory. Program and
Erase commands are written to the Command Interface of the memory. An on-chip
Program/Erase Controller simplifies the process of programming or erasing the memory by
taking care of all of the special operations that are required to update the memory contents.
The end of a program or erase operation can be detected and any error conditions
identified. The command set required to control the memory is consistent with JEDEC
standards.
The blocks in the memory are asymmetrically arranged, see Figure 4: Block addresses (x8),
and Figure 5: Block addresses (x16). The first or last 64 Kbytes have been divided into four
additional blocks. The 16 Kbyte Boot Block can be used for small initialization code to start
the microprocessor, the two 8 Kbyte Parameter Blocks can be used for parameter storage
and the remaining 32K is a small Main Block where the application may be stored.
Chip Enable, Output Enable and Write Enable signals control the bus operation of the
memory. They allow simple connection to most microprocessors, often without additional
logic.
The memory is offered in SO44 and TSOP48 (12 x 20mm) packages. The memory is
supplied with all the bits erased (set to ’1’).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com