Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F800DB55N1F Datasheet(PDF) 16 Page - STMicroelectronics

Part # M29F800DB55N1F
Description  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F800DB55N1F Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M29F800DB55N1F Datasheet HTML 12Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 13Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 14Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 15Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 16Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 17Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 18Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 19Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
Command Interface
M29F800DT
16/53
4
Command Interface
All Bus Write operations to the memory are interpreted by the Command Interface.
Commands consist of one or more sequential Bus Write operations. Failure to observe a
valid sequence of Bus Write operations will result in the memory returning to Read mode.
The long command sequences are imposed to maximize data security.
The address used for the commands changes depending on whether the memory is in 16-
bit or 8-bit mode. See either Table 4, or Table 5, depending on the configuration that is being
used, for a summary of the commands.
4.0.1
Read/Reset command
The Read/Reset command returns the memory to its Read mode where it behaves like a
ROM or EPROM, unless otherwise stated. It also resets the errors in the Status Register.
Either one or three Bus Write operations can be used to issue the Read/Reset command.
The Read/Reset Command can be issued, between Bus Write cycles before the start of a
program or erase operation, to return the device to read mode. Once the program or erase
operation has started the Read/Reset command is no longer accepted. The Read/Reset
command will not abort an Erase operation when issued while in Erase Suspend.
4.0.2
Auto Select command
The Auto Select command is used to read the Manufacturer Code, the Device Code and the
Block Protection Status. Three consecutive Bus Write operations are required to issue the
Auto Select command. Once the Auto Select command is issued the memory remains in
Auto Select mode until a Read/Reset command is issued. Read CFI Query and Read/Reset
commands are accepted in Auto Select mode, all other commands are ignored.
From the Auto Select mode the Manufacturer Code can be read using a Bus Read operation
with A0 = VIL and A1 = VIL. The other address bits may be set to either VIL or VIH. The
Manufacturer Code for STMicroelectronics is 0020h.
The Device Code can be read using a Bus Read operation with A0 = VIH and A1 = VIL. The
other address bits may be set to either VIL or VIH.
The Block Protection Status of each block can be read using a Bus Read operation with A0
= VIL, A1 = VIH, and A12-A18 specifying the address of the block. The other address bits
may be set to either VIL or VIH. If the addressed block is protected then 01h is output on
Data Inputs/Outputs DQ0-DQ7, otherwise 00h is output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com