Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F800DB55N1F Datasheet(PDF) 29 Page - STMicroelectronics

Part # M29F800DB55N1F
Description  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F800DB55N1F Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M29F800DB55N1F Datasheet HTML 25Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 26Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 27Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 28Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 29Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 30Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 31Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 32Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
M29F800DT
DC and AC parameters
29/53
Figure 10.
Read Mode AC waveforms
Table 11.
DC characteristics
Symbol
Parameter
Test condition
Min
Max
Unit
ILI
Input Leakage Current
0V
≤V
IN ≤VCC
±1
µ
A
ILO
Output Leakage Current
0V
≤V
OUT ≤VCC
±1
µ
A
ICC1
Supply Current (Read)
E = VIL, G = VIH, f = 6MHz
20
mA
ICC2
Supply Current (Standby) TTL
E = VIH
2mA
ICC3
Supply Current (Standby) CMOS
E = VCC ±0.2V, RP = VCC ±0.2V
150
µ
A
ICC4
(1)
Supply Current (Program/Erase)
Program/Erase Controller active
20
mA
VIL
Input Low voltage
–0.5
0.8
V
VIH
Input High voltage
2
VCC + 0.5
V
VOL
Output Low voltage
IOL = 5.8mA
0.45
V
VOH
Output High voltage TTL CMOS
IOH = –2.5mA
2.4
V
VID
Identification voltage
11.5
12.5
V
IID
Identification Current
A9 = VID
100
µ
A
VLKO
Program/Erase Lockout Supply voltage
3.2
4.2
V
1.
Sampled only, not 100% tested.
AI06154
tAVAV
tAVQV
tAXQX
tELQX
tEHQZ
tGLQV
tGLQX
tGHQX
VALID
A0-A18/
A–1
G
DQ0-DQ7/
DQ8-DQ15
E
tELQV
tEHQX
tGHQZ
VALID
tBHQV
tELBL/tELBH
tBLQZ
BYTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com