Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12 Datasheet(PDF) 3 Page - SMC Diode Solutions Co. LTD

Part # SST12
Description  12A TRIACs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SST12 Datasheet(HTML) 3 Page - SMC Diode Solutions Co. LTD

  SST12 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SST12 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SST12 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SST12 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD SST12 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical Data
Data Sheet N2145, Rev.-
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SST12 Series
Ordering Information
Device
Package
Shipping
SST12A-800CW, SST12A-800BW, SST12A-600BW
TO-220A(Ins)
50pcs/ Tube
SST12C-800CW, SST12C-800BW
TO-220C
50pcs/ Tube
Marking Diagram
Mechanical Dimensions TO-220A(Ins)
SYMBOL
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.40
4.60
0.173
0.181
B
0.61
0.88
0.024
0.035
C
0.46
0.70
0.018
0.028
C2
1.21
1.32
0.048
0.052
C3
2.40
2.72
0.094
0.107
D
8.60
9.70
0.339
0.382
E
9.60
10.4
0.378
0.409
F
6.55
6.95
0.258
0.274
G
2.54
0.1
H
28.0
29.8
1.102
1.173
L1
3.75
0.148
L2
1.14
1.70
0.045
0.067
L3
2.65
2.95
0.104
0.116
V1
45°
45°
Where XXXXX is YYWWL
SST12A-800BW
= Part name
SST12C-800BW
= Part name
YY
= Year
WW
= Week
L
= Lot Number
S ST 12 A -800 BW
SMC Diode Solutions
Triacs
BW: IGT1-3 ≤ 50mA
CW: IGT1-3 ≤ 35mA
600:VDRM/VRRM ≥ 600V
800:VDRM/VRRM ≥ 800V
IT(RMS):12A
A: TO-220A(Ins)
C:TO-220C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com