Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12 Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # SST12
Description  12A TRIACs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SST12 Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  SST12 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SST12 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SST12 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SST12 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD SST12 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Data Sheet N2145, Rev.-
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SST12 Series
SST12 Series 12A TRIACs
Circuit Diagram
Description
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Storage junction temperature range
Tstg
-
-40-150
℃
Operating junction temperature range
Tj
-
-40-125
℃
Repetitive peak off-state voltage(Tj=25℃)
VDRM
-
600/800
V
Repetitive peak reverse voltage(Tj=25℃)
VRRM
-
600/800
V
Non repetitive surge peak Off-state voltage
VDSM
-
VDRM +100
V
Non repetitive peak reverse voltage
VRSM
-
VRRM +100
V
RMS on-state current
I(TRMS)
TO-220A(Ins)(TC=90℃)
12
A
TO-220C(TC=105℃)
Non repetitive surge peak on-state current
(full cycle, F=50Hz)
ITSM
-
120
A
I2t value for fusing (tp=10ms)
I2t
-
78
A2s
Critical rate of rise of on-state current
(IG=2×IGT)
dI/dt
-
50
A/μs
Peak gate current
IGM
-
4
A
Average gate power dissipation
PG(AV)
-
1
W
Peak gate power
PGM
-
5
W
With high ability to withstand the shock loading of large current, SST12 series triacs provide high dv/dt rate with
strong resistance to electromagnetic interface. With high commutation performances, 3 quadrants products especially
recommended for use on inductive load.
TO-220C
TO-220A(Ins)


Similar Part No. - SST12

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
SST120 CRYDOM-SST120 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
CIT Relay & Switch
SST124 CIT-SST124 Datasheet
152Kb / 2P
CIT SWITCH
logo
Tyco Electronics
SST12AAA MACOM-SST12AAA Datasheet
148Kb / 1P
Industrial Grade Discrete Plug-in
SST12ACA MACOM-SST12ACA Datasheet
148Kb / 1P
Industrial Grade Discrete Plug-in
SST12ADA MACOM-SST12ADA Datasheet
148Kb / 1P
Industrial Grade Discrete Plug-in
More results

Similar Description - SST12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1235H STMICROELECTRONICS-T1235H Datasheet
94Kb / 7P
12A TRIACS
Apr-2002
logo
Unisonic Technologies
BTA12A UTC-BTA12A Datasheet
171Kb / 4P
12A TRIACS
logo
Kersemi Electronic Co.,...
BTB12-700C KERSEMI-BTB12-700C Datasheet
1,011Kb / 5P
12A TRIACS
BTB12-800C KERSEMI-BTB12-800C Datasheet
1,011Kb / 5P
12A TRIACS
BTB12-800BW KERSEMI-BTB12-800BW Datasheet
1,011Kb / 5P
12A TRIACS
BTB12-800B KERSEMI-BTB12-800B Datasheet
1,011Kb / 5P
12A TRIACS
BTA12-700SW KERSEMI-BTA12-700SW Datasheet
1,011Kb / 5P
12A TRIACS
BTA12-600CW KERSEMI-BTA12-600CW Datasheet
1,011Kb / 5P
12A TRIACS
BTA12-600C KERSEMI-BTA12-600C Datasheet
1,011Kb / 5P
12A TRIACS
BTA12-600BW KERSEMI-BTA12-600BW Datasheet
1,011Kb / 5P
12A TRIACS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com