Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12 Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # SST12
Description  12A TRIACs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SST12 Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  SST12 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SST12 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SST12 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SST12 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD SST12 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data
Data Sheet N2145, Rev.-
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SST12 Series
3 Quadrants
Symbol
Test Condition
Quadrant
Value
Unit
BW
CW
IGT
VD =12V RL =33Ω
Ⅰ
-Ⅱ-Ⅲ
MAX
50
35
mA
VGT
Ⅰ
-Ⅱ-Ⅲ
MAX
1.3
V
VGD
VD =VDRM Tj =125℃ RL
=3.3KΩ
Ⅰ
-Ⅱ-Ⅲ
MIN
0.2
V
IL
IG =1.2IGT
Ⅰ
-Ⅲ
MAX
80
50
mA
Ⅱ
90
60
IH
IT =100mA
MAX
60
40
mA
dV/dt
VD=2/3VDRM Gate Open Tj =125℃
MIN
1000
500
V/μs
4 Quadrants
Symbol
Test Condition
Quadrant
Value
Unit
B
C
IGT
VD =12V RL =33Ω
Ⅰ
-Ⅱ-Ⅲ
MAX
50
25
mA
Ⅳ
70
50
VGT
ALL
MAX
1.3
V
VGD
VD =VDRM Tj =125℃
RL =3.3KΩ
ALL
MIN
0.2
V
IL
IG =1.2IGT
Ⅰ
-Ⅲ-Ⅳ
MAX
50
40
mA
Ⅱ
100
80
IH
IT =100mA
MAX
50
25
mA
dV/dt
VD=2/3VDRM Gate Open Tj=125℃
MIN
500
200
V/μs
Symbol
Parameter
Value(MAX)
Unit
VTM
ITM =17A tp=380μs
Tj=25℃
1.5
V
IDRM
VD =VDRM VR =VRRM
Tj=25℃
5
μA
IRRM
Tj=125℃
1
mA
Electrical Characteristics(Tj=25℃ unless otherwise specified)
Static Characteristics
Thermal Resistances
Symbol
Condition
Value
Units
Rth(j-c)
Junction to case(AC)
TO-220A(Ins)
2.3
℃
/W
TO-220C
1.4
℃
/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com