Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12 Datasheet(PDF) 4 Page - SMC Diode Solutions Co. LTD

Part # SST12
Description  12A TRIACs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SST12 Datasheet(HTML) 4 Page - SMC Diode Solutions Co. LTD

  SST12 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SST12 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SST12 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SST12 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD SST12 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Technical Data
Data Sheet N2145, Rev.-
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SST12 Series
FIG.1 Maximum power dissipation versus RMS
on-state current
FIG.2: RMS on-state current versus case
temperature
IT(RMS)(A)
P(w)
0
3
6
9
12
16
0
IT(RMS)(A)
Tc (℃)
0
3
6
9
0
25
50
75
100
125
12
15
18
TO-220A(Ins)
3
6
9
12
15
18
TO-220B(Non-Ins)
α=180°
Mechanical Dimensions TO-220C
SYMBOL
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.40
4.60
0.173
0.181
B
0.70
0.90
0.028
0.035
C
0.45
0.60
0.018
0.024
C2
1.23
1.32
0.048
0.052
C3
2.20
2.60
0.087
0.102
D
8.90
9.90
0.350
0.390
E
9.90
10.3
0.39
0.406
F
6.30
6.90
0.248
0.272
G
2.54
0.1
H
28.0
29.8
1.102
1.173
L1
3.39
0.133
L2
1.14
1.70
0.045
0.067
L3
2.65
2.95
0.104
0.116
ϕ
3.6
0.142
Ratings and Characteristics Curves
TO-220C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com