Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHN708 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PHN708
Description  7 N-channel 80 mohm FET array enhancement mode MOS transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHN708 Datasheet(HTML) 5 Page - NXP Semiconductors

  PHN708 Datasheet HTML 1Page - NXP Semiconductors PHN708 Datasheet HTML 2Page - NXP Semiconductors PHN708 Datasheet HTML 3Page - NXP Semiconductors PHN708 Datasheet HTML 4Page - NXP Semiconductors PHN708 Datasheet HTML 5Page - NXP Semiconductors PHN708 Datasheet HTML 6Page - NXP Semiconductors PHN708 Datasheet HTML 7Page - NXP Semiconductors PHN708 Datasheet HTML 8Page - NXP Semiconductors PHN708 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1998 Mar 17
5
Philips Semiconductors
Product specification
7 N-channel 80 m
Ω FET array
enhancement mode MOS transistors
PHN708
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Per FET
V(BR)DSS
drain-source breakdown voltage
VGS = 0; ID =10 µA30
−−
V
VGSth
gate-source threshold voltage
VGS =VDS; ID = 1 mA
1
−
2.8
V
IDSS
drain-source leakage current
VGS = 0; VDS =24V
−−
100
nA
IGSS
gate leakage current
VGS = ±20 V; VDS =0
−−±100 nA
RDSon
drain-source on-state resistance
VGS = 4.5 V; ID = 0.75 A
−−
130
m
Ω
VGS = 10 V; ID = 1.5 A
−−
80
m
Ω
Ciss
input capacitance
VGS = 0; VDS =24V; f=1MHz
−
180
−
pF
Coss
output capacitance
VGS = 0; VDS =24V; f=1MHz
−
70
−
pF
Crss
reverse transfer capacitance
VGS = 0; VDS =24V; f=1MHz
−
36
−
pF
QG
total gate charge
VGS = 10 V; VDD = 15 V; ID =1A
−
5.4
8
nC
QGS
gate-source charge
VDD =15V; ID =1A
−
0.4
−
nC
QGD
gate-drain charge
VDD =15V; ID =1A
−
1.6
−
nC
Switching times
td(on)
turn-on delay time
VGS = 0 to 10 V; VDD =20V;
ID = 1 A; Rgen =6 Ω
−
3
−
ns
tf
fall time
VGS = 0 to 10 V; VDD =20V;
ID = 1 A; Rgen =6 Ω
−
2.5
−
ns
ton
turn-on switching time
VGS = 0 to 10 V; VDD =20V;
ID = 1 A; Rgen =6 Ω
−
5.5
10
ns
td(off)
turn-off delay time
VGS =10to0V; VDD =20V;
ID = 1 A; Rgen =6 Ω
−
10
−
ns
tr
rise time
VGS =10to0V; VDD =20V;
ID = 1 A; Rgen =6 Ω
−
6
−
ns
toff
turn-off switching time
VGS =10to0V; VDD =20V;
ID = 1 A; Rgen =6 Ω
−
16
25
ns
Source-drain diode
VSD
source-drain diode forward voltage
VGD = 0; IS = 1.25 A
−−
1V
trr
reverse recovery time
IS = 1.25 A; di/dt = −100 A/µs
−
25
−
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com