Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHN708 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PHN708
Description  7 N-channel 80 mohm FET array enhancement mode MOS transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHN708 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PHN708 Datasheet HTML 3Page - NXP Semiconductors PHN708 Datasheet HTML 4Page - NXP Semiconductors PHN708 Datasheet HTML 5Page - NXP Semiconductors PHN708 Datasheet HTML 6Page - NXP Semiconductors PHN708 Datasheet HTML 7Page - NXP Semiconductors PHN708 Datasheet HTML 8Page - NXP Semiconductors PHN708 Datasheet HTML 9Page - NXP Semiconductors PHN708 Datasheet HTML 10Page - NXP Semiconductors PHN708 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1998 Mar 17
7
Philips Semiconductors
Product specification
7 N-channel 80 m
Ω FET array
enhancement mode MOS transistors
PHN708
Fig.6
Gate-source voltage as a function of total
gate charge; typical values.
VDD = 15 V; ID = 1 A; Tamb =25 °C.
handbook, halfpage
02
QG (nC)
VGS
(V)
46
10
0
8
6
4
2
MDA792
Fig.7
Output characteristics; typical values.
Tamb =25 °C; tp =80 µs; δ =0.
(1) VGS =10V.
(2) VGS = 7.5 V.
(3) VGS =6V.
(4) VGS =5V.
(5) VGS = 4.5 V.
(6) VGS =4V.
(7) VGS = 3.5 V.
(8) VGS =3V.
(9) VGS = 2.5 V.
handbook, halfpage
0
(4)
(5)
(6)
12
16
8
4
0
24
10
8
6
MDA790
ID
(A)
VDS (V)
(8)
(9)
(1) (2) (3)
(7)
Fig.8 Transfer characteristic; typical values.
VDS = 10 V; Tamb =25 °C; tp =80 µs; δ =0.
handbook, halfpage
02
ID
(A)
VGS (V)
46
16
12
4
0
8
MDA791
Fig.9
Capacitance as a function of drain-source
voltage; typical values.
VGS = 0 ; f = 1 MHz; Tj =25 °C.
handbook, halfpage
0
300
400
200
100
0
510
25
20
15
MDA789
C
(pF)
VDS (V)
Crss
Ciss
Coss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com