Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHN708 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PHN708
Description  7 N-channel 80 mohm FET array enhancement mode MOS transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHN708 Datasheet(HTML) 4 Page - NXP Semiconductors

  PHN708 Datasheet HTML 1Page - NXP Semiconductors PHN708 Datasheet HTML 2Page - NXP Semiconductors PHN708 Datasheet HTML 3Page - NXP Semiconductors PHN708 Datasheet HTML 4Page - NXP Semiconductors PHN708 Datasheet HTML 5Page - NXP Semiconductors PHN708 Datasheet HTML 6Page - NXP Semiconductors PHN708 Datasheet HTML 7Page - NXP Semiconductors PHN708 Datasheet HTML 8Page - NXP Semiconductors PHN708 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1998 Mar 17
4
Philips Semiconductors
Product specification
7 N-channel 80 m
Ω FET array
enhancement mode MOS transistors
PHN708
Fig.2 Power derating curve.
handbook, halfpage
0
50
100
Ptot
(W)
Ts (°C)
200
2
0
1.6
150
1.2
0.8
0.4
MDA787
Fig.3 SOAR.
δ = 0.01; T
s =80 °C.
(1) RDSon limitation.
handbook, halfpage
MDA788
10
2
10
110
10
1
2
1
10
1
10
2
10
t p
T
P
t
t p
T
δ =
100 ms
1 ms
10 ms
DC
(1)
tp =
100
µs
VDS (V)
ID
(A)
THERMAL CHARACTERISTICS
Notes
1. When only one FET dissipates.
2. When either combination of FETs 1-5, 1-6, 2-5, 2-7, 3-6 or 3-7 dissipate an equal amount of power.
3. When FET four plus either combination of FETs 1-5, 1-6, 2-5, 2-7, 3-6 or 3-7 dissipate an equal amount of power.
4. When all seven FETs dissipate an equal amount of power.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Per FET
Rth j-s
thermal resistance from junction to soldering point
note 1
53
K/W
note 2
62
K/W
note 3
76
K/W
note 4
91
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com