Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHN708 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PHN708
Description  7 N-channel 80 mohm FET array enhancement mode MOS transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHN708 Datasheet(HTML) 2 Page - NXP Semiconductors

  PHN708 Datasheet HTML 1Page - NXP Semiconductors PHN708 Datasheet HTML 2Page - NXP Semiconductors PHN708 Datasheet HTML 3Page - NXP Semiconductors PHN708 Datasheet HTML 4Page - NXP Semiconductors PHN708 Datasheet HTML 5Page - NXP Semiconductors PHN708 Datasheet HTML 6Page - NXP Semiconductors PHN708 Datasheet HTML 7Page - NXP Semiconductors PHN708 Datasheet HTML 8Page - NXP Semiconductors PHN708 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1998 Mar 17
2
Philips Semiconductors
Product specification
7 N-channel 80 m
Ω FET array
enhancement mode MOS transistors
PHN708
FEATURES
• High-speed switching
• No secondary breakdown
• Very low on-state resistance.
APPLICATIONS
• Driving high performance three phase brushless
DC motors.
DESCRIPTION
Seven enhancement mode MOS transistors in a 24-pin
plastic SOT340-1 (SSOP24) package. Six of the
transistors are in three half-bridge configurations.
CAUTION
The device is supplied in an antistatic package.
The gate-source input must be protected against static
discharge during transport or handling.
PINNING - SOT340-1 (SSOP24)
PIN
SYMBOL
DESCRIPTION
1 and 4
d1
drain 1
2s1
source 1
3g1
gate 1
5 and 8
d2
drain 2
6s2
source 2
7g2
gate 2
9 and 12
d3
drain 3
10
s3
source 3
11
g3
gate 3
13
g4
gate 4
14
s4
source 4
15, 17, 18, 20,
21, 23, 24
d4
drain 4
16
g5
gate 5
19
g6
gate 6
22
g7
gate 7
Fig.1 Simplified outline and symbol.
handbook, full pagewidth
112
24
13
MAM275
s4
d4
g1
s1
g4
g7
g2
s2
g6
g3
s3
g5
d1
d2
d3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com