Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F802 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 56F802
Description  16-bit Digital Signal Controllers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F802 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 56F802 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 25Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
56F802 Technical Data, Rev. 9
22
Freescale Semiconductor
Figure 3-6 Flash Mass Erase Cycle
3.5 Clock Operation
The 56F802 device clock is derived from an on-chip relaxation oscillator. The internal PLL generates a
master reference frequency that determines the speed at which chip operations occur.
The PRECS bit in the PLLCR (phase-locked loop control register) word (bit 2) must be set to 0 for internal
oscillator use.
3.5.1
Use of On-Chip Relaxation Oscillator
The 56F802 internal relaxation oscillator provides the chip clock without the need for an external crystal
or ceramic resonator. The frequency output of this internal oscillator can be corrected by adjusting the 8-bit
IOSCTL (internal oscillator control) register. Each bit added or deleted changes the output frequency of
the oscillator allowing incremental adjustment until the desired frequency is achieved. Figures 9 and 10
show the typical characteristics of the 56F802 relaxation oscillator with respect to temperature and trim
value.
During factory production test, an oscillator calibration procedure is executed which determines an
optimum trim value for a given device (8MHz at 25oC). This optimum trim value is then stored at address
$103F in the Data Flash Information Block and recalled during a trim routine in the boot sequence
(executed after power-up and RESET). This trim routine automatically sets the oscillator frequency by
programming the IOSCTL register with the optimum trim value.
XADR
YE=SE=OE=0
ERASE
NVSTR
Tnvs
Tnvh1
Trcv
Tme
MAS1
IFREN
XE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com