Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F802 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 56F802
Description  16-bit Digital Signal Controllers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F802 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 56F802 Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
56F802 Technical Data, Rev. 9
6
Freescale Semiconductor
insertion, and separate top and bottom output polarity control. The up-counter value is programmable to
support a continuously variable PWM frequency. Both edge- and center-aligned synchronous pulse width
control (0% to 100% modulation) are supported. The device is capable of controlling most motor types:
ACIM (AC Induction Motors), both BDC and BLDC (Brush and Brushless DC motors), SRM and VRM
(Switched and Variable Reluctance Motors), and stepper motors. The PWMs incorporate fault protection
with sufficient output drive capability to directly drive standard opto-isolators. A “smoke-inhibit”,
write-once protection feature for key parameters is also included. The PWM is double-buffered and
includes interrupt control to permit integral reload rates to be programmable from 1 to 16. The PWM
modules provide a reference output to synchronize the Analog-to-Digital Converters.
The 56F802 incorporates two 12-bit Analog-to-Digital Converters (ADCs) with a total of five channels.
A full set of standard programmable peripherals is provided that include a Serial Communications
Interface (SCI), and two Quad Timers. Any of these interfaces can be used as General-Purpose
Input/Outputs (GPIO) if that function is not required. An on-chip relaxation oscillator eliminates the need
for an external crystal.
1.3 State of the Art Development Environment
•
Processor ExpertTM (PE) provides a Rapid Application Design (RAD) tool that combines easy-to-use
component-based software application creation with an expert knowledge system.
•
The Code Warrior Integrated Development Environment is a sophisticated tool for code navigation,
compiling, and debugging. A complete set of evaluation modules (EVMs) and development system cards
will support concurrent engineering. Together, PE, Code Warrior and EVMs create a complete, scalable
tools solution for easy, fast, and efficient development.
1.4 Product Documentation
The four documents listed in Table 1-1 are required for a complete description and proper design with the
56F802. Documentation is available from local Freescale distributors, Freescale semiconductor sales
offices, Freescale Literature Distribution Centers, or online at www.freescale.com.
Table 1-1 56F802 Chip Documentation
Topic
Description
Order Number
56800E
Family Manual
Detailed description of the 56800 family architecture, and
16-bit core processor and the instruction set
56800EFM
DSP56F801/803/805/807
User’s Manual
Detailed description of memory, peripherals, and interfaces
of the 56F801, 56F802, 56F803, 56F805, and 56F807
DSP56F801-7UM
56F802
Technical Data Sheet
Electrical and timing specifications, pin descriptions, and
package descriptions (this document)
DSP56F802
56F802
Errata
Details any chip issues that might be present
56F802E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com