Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F802 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 56F802
Description  16-bit Digital Signal Controllers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F802 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 56F802 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 25Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 26Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Clock Operation
56F802 Technical Data, Rev. 9
Freescale Semiconductor
23
Due to the inherent frequency tolerances required for SCI communication, changing the factory-trimmed
oscillator frequency is not recommended. If modification of the Boot Flash contents are required, code
must be included which retrieves the optimum trim value (from address $103F in the Data Flash
Information Block) and writes it to the IOSCTL register. Note that the IFREN bit in the Data Flash control
register must be set in order to read the Data Flash Information Block.
Figure 3-7 Typical Relaxation Oscillator Frequency vs. Temperature
(Trimmed to 8MHz @ 25oC)
Table 3-8 Relaxation Oscillator Characteristics
Operating Conditions: VSS = VSSA = 0 V, VDD = VDDA = 3.0–3.6 V, TA = –40° to +85°C
Characteristic
Symbol
Min
Typ
Max
Unit
Frequency Accuracy1
1. Over full temperature range.
Δf
—
+2
+5
%
Frequency Drift over Temp
Δf/Δt
—
+0.1
—
%/oC
Frequency Drift over Supply
Δf/ΔV
—
0.1
—
%/V
8.2
8.0
8.3
8.4
7.9
8.1
7.8
75
55
-40
35
-25
15
-5
85
Temperature (oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com