Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F802 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 56F802
Description  16-bit Digital Signal Controllers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F802 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 56F802 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
56F802 Technical Data, Rev. 9
16
Freescale Semiconductor
5. Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site
(board) temperature, ambient temperature, air flow, power dissipation of other components on the board, and
board thermal resistance.
6. See Section 5.1 from more details on thermal design considerations.
7. TJ = Junction Temperature
TA = Ambient Temperature
3.2 DC Electrical Characteristics
Table 3-4 DC Electrical Characteristics
Operating Conditions: VSS = VSSA = 0 V, VDD = VDDA = 3.0–3.6 V, TA = –40° to +85°C, CL ≤ 50pF
Characteristic
Symbol
Min
Typ
Max
Unit
Input high voltage (XTAL/EXTAL)
VIHC
2.25
—
2.75
V
Input low voltage (XTAL/EXTAL)
VILC
0
—
0.5
V
Input high voltage (Schmitt trigger inputs)1
VIHS
2.2
—
5.5
V
Input low voltage (Schmitt trigger inputs)1
VILS
-0.3
—
0.8
V
Input high voltage (all other digital inputs)
VIH
2.0
—
5.5
V
Input low voltage (all other digital inputs)
VIL
-0.3
—
0.8
V
Input current high (pullup/pulldown resistors disabled, VIN=VDD)
IIH
-1
—
1
μA
Input current low (pullup/pulldown resistors disabled, VIN=VSS)
IIL
-1
—
1
μA
Input current high (with pullup resistor, VIN=VDD)
IIHPU
-1
—
1
μA
Input current low (with pullup resistor, VIN=VSS)
IILPU
-210
—
-50
μA
Input current high (with pulldown resistor, VIN=VDD)
IIHPD
20
—
180
μA
Input current low (with pulldown resistor, VIN=VSS)
IILPD
-1
—
1
μA
Nominal pullup or pulldown resistor value
RPU, RPD
30
K
Ω
Output tri-state current low
IOZL
-10
—
10
μA
Output tri-state current high
IOZH
-10
—
10
μA
Input current high (analog inputs, VIN=VDDA)2
IIHA
-15
—
15
μA
Input current low (analog inputs, VIN=VSSA)2
IILA
-15
—
15
μA
Output High Voltage (at IOH)
VOH
VDD – 0.7
—
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com