Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # DSP56362
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button DSP56362 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 152 page
background image
Reset, Stop, Mode Select, and Interrupt Timing
DSP56362 Technical Data, Rev. 4
Freescale Semiconductor
3-7
3.9
Reset, Stop, Mode Select, and Interrupt Timing
Table 3-7 Reset, Stop, Mode Select, and Interrupt Timing 100 and 120 MHz Values1
No
Characteristics
Expression2
100 MHz
120 MHz
Unit
Min
Max
Min
Max
8
Delay from RESET assertion to all pins at reset value3
—
—
26.0
26.0
ns
9
Required RESET duration4
• Power on, external clock generator, PLL disabled
• Power on, external clock generator, PLL enabled
• Power on, internal oscillator
• During STOP, XTAL disabled (PCTL Bit 16 = 0)
• During STOP, XTAL enabled (PCTL Bit 16 = 1)
• During normal operation
50
× ET
C
1000
× ET
C
75000
× ET
C
75000
× ET
C
2.5
× T
C
2.5
× T
C
500.0
10.0
750
750
25.0
25.0
—
—
—
—
—
—
416.7
8.3
625
625
20.8
20.8
—
—
—
—
—
—
ns
µs
µs
µs
ns
ns
10 Delay from asynchronous RESET deassertion to first
external address output (internal reset deassertion)5
• Minimum
•Maximum
3.25
× T
C + 2.0
20.25 TC + 7.50
34.5
—
—
211.5
29.1
176.2
ns
ns
11 Synchronous reset setup time from RESET
deassertion to CLKOUT Transition 1
• Minimum
•Maximum
TC
5.9
—
—
10.0
ns
ns
12 Synchronous reset deasserted, delay time from the
CLKOUT Transition 1 to the first external address
output
• Minimum
•Maximum
3.25
× T
C + 2.0
20.25 TC + 7.5
33.5
—
—
207.5
ns
ns
13 Mode select setup time
30.0
—
30.0
ns
14 Mode select hold time
0.0
—
0.0
ns
15 Minimum edge-triggered interrupt request assertion
width
6.6
—
5.5
ns
16 Minimum edge-triggered interrupt request deassertion
width
6.6
—
5.5
ns
17 Delay from IRQA, IRQB, IRQC, IRQD, NMI assertion to
external memory access address out valid
• Caused by first interrupt instruction fetch
• Caused by first interrupt instruction execution
4.25
× T
C + 2.0
7.25
× T
C + 2.0
44.5
74.5
—
—
37.4
62.4
ns
ns
18 Delay from IRQA, IRQB, IRQC, IRQD, NMI assertion to
general-purpose transfer output valid caused by first
interrupt instruction execution
10
× T
C + 5.0
105.0
—
88.3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com