Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362 Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # DSP56362
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362 Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button DSP56362 Datasheet HTML 85Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 86Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 87Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 88Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 89Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 90Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 91Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 92Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 152 page
background image
Enhanced Serial Audio Interface Timing
DSP56362 Technical Data, Rev. 4
Freescale Semiconductor
3-63
443 FSR input hold time after RXC falling edge
—
—
3.0
0.0
—
—
x ck
i ck a
ns
444 Flags input setup before RXC falling edge
—
—
0.0
19.0
—
—
x ck
i ck s
ns
445 Flags input hold time after RXC falling edge
—
—
6.0
0.0
—
—
x ck
i ck s
ns
446 TXC rising edge to FST out (bl) high
—
—
—
—
29.0
15.0
x ck
i ck
ns
447 TXC rising edge to FST out (bl) low
—
—
—
—
31.0
17.0
x ck
i ck
ns
448 TXC rising edge to FST out (wr) high6
——
—
—
31.0
17.0
x ck
i ck
ns
449 TXC rising edge to FST out (wr) low6
——
—
—
33.0
19.0
x ck
i ck
ns
450 TXC rising edge to FST out (wl) high
—
—
—
—
30.0
16.0
x ck
i ck
ns
451 TXC rising edge to FST out (wl) low
—
—
—
—
31.0
17.0
x ck
i ck
ns
452 TXC rising edge to data out enable from high
impedance
——
—
—
31.0
17.0
x ck
i ck
ns
453 TXC rising edge to transmitter drive enable
assertion
——
—
—
34.0
20.0
x ck
i ck
ns
454 TXC rising edge to data out valid
—
23 + 0.5
× T
C 21.0
—
—
28.0
21.0
x ck
i ck
ns
455 TXC rising edge to data out high impedance7
——
—
—
31.0
16.0
x ck
i ck
ns
456 TXC rising edge to transmitter drive enable
deassertion7
——
—
—
34.0
20.0
x ck
i ck
ns
457 FST input (bl, wr) setup time before TXC falling
edge6
——
2.0
21.0
—
—
x ck
i ck
ns
Table 3-24 Enhanced Serial Audio Interface Timing (continued)
No.
Characteristics1
, 2, 3
Symbol
Expression
100 MHz
Condition4
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com