Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362 Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # DSP56362
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362 Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button DSP56362 Datasheet HTML 68Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 69Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 70Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 71Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 72Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 73Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 74Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 75Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 152 page
background image
Parallel Host Interface (HDI08) Timing
DSP56362 Technical Data, Rev. 4
3-46
Freescale Semiconductor
3.11
Parallel Host Interface (HDI08) Timing
Table 3-20
Host Interface (HDI08) Timing1, 2
No.
Characteristics3
Expression
100 MHz
Unit
Min
Max
317
Read data strobe assertion width4
HACK read assertion width
TC + 9.9
19.9
—
ns
318
Read data strobe deassertion width4
HACK read deassertion width
—9.9
—
ns
319
Read data strobe deassertion width4 after “Last Data Register”
reads5
, 6, or between two consecutive CVR, ICR, or ISR reads7
HACK deassertion width after “Last Data Register” reads5, 6
2.5
× T
C + 6.6
31.6
—
ns
320
Write data strobe assertion width8HACK write assertion width
—
13.2
—
ns
321
Write data strobe deassertion width8
HACK write deassertion width
after ICR, CVR and “Last Data Register” writes5
2.5
× T
C + 6.6
31.6
—
ns
after IVR writes, or
after TXH:TXM writes (with HBE=0), or
after TXL:TXM writes (with HBE=1)
16.5
—
322
HAS assertion width
—
9.9
—
ns
323
HAS deassertion to data strobe assertion9
—0.0
—
ns
324
Host data input setup time before write data strobe deassertion8
Host data input setup time before HACK write deassertion
—9.9
—
ns
325
Host data input hold time after write data strobe deassertion8
Host data input hold time after HACK write deassertion
—3.3
—
ns
326
Read data strobe assertion to output data active from high
impedance4
HACK read assertion to output data active from high impedance
—3.3
—
ns
327
Read data strobe assertion to output data valid4
HACK read assertion to output data valid
——
24.2
ns
328
Read data strobe deassertion to output data high impedance4
HACK read deassertion to output data high impedance
——
9.9
ns
329
Output data hold time after read data strobe deassertion4
Output data hold time after HACK read deassertion
—3.3
—
ns
330
HCS assertion to read data strobe deassertion4
TC +9.9
19.9
—
ns
331
HCS assertion to write data strobe deassertion8
—9.9
—
ns
332
HCS assertion to output data valid
—
—
19.1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com