Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362 Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # DSP56362
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362 Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button DSP56362 Datasheet HTML 83Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 84Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 85Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 86Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 87Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 88Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 89Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 90Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 152 page
background image
Serial Host Interface (SHI) I2C Protocol Timing
DSP56362 Technical Data, Rev. 4
Freescale Semiconductor
3-61
.
EXAMPLE:
For DSP clock frequency of 100 MHz (i.e. TC = 10ns), operating in a standard-mode I2C environment
(FSCL = 100 KHz (i.e. TSCL = 10µs), TR = 1000ns), with filters bypassed
Choosing HRS = 0 gives
Thus the HDM[7:0] value should be programmed to $38 (=56).
Figure 3-39 I2C Timing
Table 3-23 SCL Serial Clock Cycle generated as Master
Filters bypassed
TI
2
CCP + 2.5 × TC + 45ns + TR
Narrow filters enabled
TI
2
CCP + 2.5 × TC + 135ns + TR
Wide filters enabled
TI
2
CCP + 2.5 × TC + 223ns + TR
T
I
2CCP
10
µs 2.5 10ns 45ns 1000ns
–
–
×
–
8930ns
==
HDM 7 0
:
[]
8930ns 2
(
10ns
×
8
) 1
55.8
=
–
×
⁄
=
Start
SCL
HREQ
SDA
ACK
MSB
LSB
Stop
171
Stop
173
176
175
177
178
180
179
172
186
182
183
189
174
188
184
187
AA0275



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com