Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5600 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # FS5600
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5600 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button FS5600_V01 Datasheet HTML 17Page - NXP Semiconductors FS5600_V01 Datasheet HTML 18Page - NXP Semiconductors FS5600_V01 Datasheet HTML 19Page - NXP Semiconductors FS5600_V01 Datasheet HTML 20Page - NXP Semiconductors FS5600_V01 Datasheet HTML 21Page - NXP Semiconductors FS5600_V01 Datasheet HTML 22Page - NXP Semiconductors FS5600_V01 Datasheet HTML 23Page - NXP Semiconductors FS5600_V01 Datasheet HTML 24Page - NXP Semiconductors FS5600_V01 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 118 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
OTP_SW1_SLOPECOMP[1:0]
Slope compensation (mV/µs)
00
45
01
67.5
10
90
11
112.5
Table 15. OTP_SW1_SLOPECOMP[1:0] Value
OTP_SW1_GM_COMP[1:0]
Transconductance (µS)
00
14
01
21
10
28
11
35
Table 16. OTP_SW1_GM_COMP[1:0] Value
OTP_SW1_PWM_R_COMP[2:0]
Compensation resistor (kΩ)
000
150
001
300
010
450
011
600
100
750
101
900
110
1050
111
1200
Table 17. OTP_SW1_PWM_R_COMP[2:0] Value
11.3.7 SW1 fault monitoring
The SW1FB pin voltage is compared against an internal reference to detect undervoltage and overvoltage faults
in SW1. See Table 8 for monitoring thresholds.
When OTP_SW1_OV_PGOOD1 = 1, an overvoltage fault on SW1 asserts PGOOD1. Similarly, when
OTP_SW1_OV_PGOOD2 = 1, an overvoltage fault on SW1 asserts PGOOD2.
When OTP_SW1_UV_PGOOD1 = 1, an undervoltage fault on SW1 asserts PGOOD1. Similarly, when
OTP_SW1_UV_PGOOD2 = 1, an undervoltage fault on SW1 asserts PGOOD2.
The SW1_UV_I and SW1_OV_I bits are latched to 1 respectively if undervoltage and overvoltage faults are
detected. The latch bits can be cleared by writing a 1 to them.
SW1_UV_RT and SW1_OV_RT read-only bits indicate the real-time status of the faults.
FS5600
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 29 April 2024
21 / 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com