Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5600 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # FS5600
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5600 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button FS5600_V01 Datasheet HTML 35Page - NXP Semiconductors FS5600_V01 Datasheet HTML 36Page - NXP Semiconductors FS5600_V01 Datasheet HTML 37Page - NXP Semiconductors FS5600_V01 Datasheet HTML 38Page - NXP Semiconductors FS5600_V01 Datasheet HTML 39Page - NXP Semiconductors FS5600_V01 Datasheet HTML 40Page - NXP Semiconductors FS5600_V01 Datasheet HTML 41Page - NXP Semiconductors FS5600_V01 Datasheet HTML 42Page - NXP Semiconductors FS5600_V01 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 118 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
OTP_PGOOD1_DELAY[2:0]
OTP_PGOOD2_DELAY[2:0]
OTP_GPO1_DELAY[2:0]
OTP_GPO2_DELAY[2:0]
OTP_GPO3_DELAY[2:0]
Delay duration (µs)
000
GPO1/2/3 held low through power-up.
No additional delay for PGOOD1/2 release.
001
250
010
500
011
1000
100
2000
101
4000
110
8000
111
16000
Table 31. PGOOD1/2, GPIO1/2/3 delay selection
15.5 MODE pin
The MODE/SYNCIN pin can be configured as a MODE input via OTP by setting OTP_MODE_SYNCINB = 1.
The switching mode of SW1 and SW2 regulators can be changed by toggling with MODE pin.
When MODE = 0, SW1 and SW2 operate in continuous PWM mode.
When MODE = 1, SW1 and SW2 operate in PFM mode. In this condition, several internal circuits are turned off
to achieve low quiescent current operation. PGOOD1 and PGOOD2 outputs indicate regulation status of SW1
and SW2 respectively in this condition.
Note: OTP_ULPM_EN = 1 for all QM devices to achieve the low quiescent current. OTP_ULPM_EN may be
set to 0 or 1 for ASIL B and Enhanced ASIL B variations to achieve different behavior. See Section 17.13.9 for
details.
15.6 I2C communication
Communication with the FS5600 is done through I2C, and it supports high-speed operation mode with up to 3.4
MHz operation. SDA and SCL are pulled up to VDDIO typically with 2.2 kΩ resistors for 400 kHz operation, and
500 Ω for 3.4 MHz operation.
Refer to UM10204, I 2C-bus specification and user manual for detailed information on the digital I2C
communication protocol implementation. The FS5600 is designed to operate as a slave device during I2C
communication. The default I2C device address is set by the OTP_I2C_ADD[2:0].
OTP_I2C_ADD[2:0]
Device address
000
0x18 (Default)
001
0x19
010
0x1A
011
0x1B
100
0x1C
101
0x1D
Table 32. I2C address selection
FS5600
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 29 April 2024
39 / 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com